Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2525Q Datasheet(PDF) 6 Page - ams AG

Part # AS2525Q
Description  Single-Chip Handsfree Phone CMOS Integrated Circuit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2525Q Datasheet(HTML) 6 Page - ams AG

Back Button AS2525Q Datasheet HTML 2Page - ams AG AS2525Q Datasheet HTML 3Page - ams AG AS2525Q Datasheet HTML 4Page - ams AG AS2525Q Datasheet HTML 5Page - ams AG AS2525Q Datasheet HTML 6Page - ams AG AS2525Q Datasheet HTML 7Page - ams AG AS2525Q Datasheet HTML 8Page - ams AG AS2525Q Datasheet HTML 9Page - ams AG AS2525Q Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Datasheet AS2525
austriamicrosystems
Revision 2.1
Page 5 of 27
Key Definitions and Procedures
Table 1: Key definitions
Key
Condition
Function
Remark
[0] - [9],
[#], [
∗]
Off-hook
Digits
Function depending on mode
[
∗]
LD mode
Temporary MF select
Providing mixed mode dialing (default LD selected)
Speech mode
Enter program state
To enter the program state
[PG]
Program mode
Exit program state
To terminate/exit program state
Speech mode
Enter mute state
To enter mute state
Mute state
Exit mute state
To terminate/exit mute state
[MT]
Program mode
Enter blank
To enter blank digit during programming
Redial/Pause
Allows re-signaling of the last dialed number and
insertion of pauses
[R/P]
Program state
Pause
Each key pressure inserts a pause
[FL]
Flash function
Invokes a timed loop break
[V+]
Speech mode
Volume control
To increase the receive gain
[V-]
Speech mode
Volume control
To increase or decrease the receive gain
[MR]
Memory redial key
To access memory by key codes
[M1] - [M8]
Memory dial
Access keys to memories 1 to 8 and 9 to 16
[SH]
Second function (shift)
To access second function of keys
Table 2: Digits
Digit Key
DTMF Mode
(fLOW + fHIGH)
Pulse Mode
Programming Mode
([PG] + Digit)
Memory Location
([MR] + Digit)
[0]
941 + 1336 Hz
10 pulses
Memory 17
[1]
697 + 1209 Hz
1 pulse
To enter PIN protected programming
Memory 18
[2]
697 + 1336 Hz
2 pulses
Select flash duration
Memory 19
[3]
697 + 1477 Hz
3 pulses
Select dialing mode
Memory 20
[4]
770 + 1209 Hz
4 pulses
Select pause duration
Memory 21
[5]
770 + 1336 Hz
5 pulses
Key lock toggle
Memory 22
[6]
770 + 1477 Hz
6 pulses
Ringer volume
Memory 23
[7]
852 + 1209 Hz
7 pulses
Ringer melody
Memory 24
[8]
852 + 1336 Hz
8 pulses
LCD contrast
Memory 25
[9]
852 + 1477 Hz
9 pulses
Ringer on/off
Memory 26
[
∗]
941 + 1209 Hz
Temporary MF select
-
[#]
941 + 1477 Hz
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com