Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2525F Datasheet(PDF) 7 Page - ams AG

Part # AS2525F
Description  Single-Chip Handsfree Phone CMOS Integrated Circuit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2525F Datasheet(HTML) 7 Page - ams AG

Back Button AS2525F Datasheet HTML 3Page - ams AG AS2525F Datasheet HTML 4Page - ams AG AS2525F Datasheet HTML 5Page - ams AG AS2525F Datasheet HTML 6Page - ams AG AS2525F Datasheet HTML 7Page - ams AG AS2525F Datasheet HTML 8Page - ams AG AS2525F Datasheet HTML 9Page - ams AG AS2525F Datasheet HTML 10Page - ams AG AS2525F Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Datasheet AS2525
austriamicrosystems
Revision 2.1
Page 6 of 27
Table 3: Parameter settings
Parameter
Symbol
Procedure:
[PG] + [0] + (Password) +
Default
Options
Inter-Digit Pause (LD)
IDP
[
∗] + [1] + [HEX code]
840 ms
1.72 ms … 7.03 sec. (see Table 4)
MF Tone Duration
TD
[
∗] + [2] + [HEX code]
82 ms
1.72 ms … 7.03 sec. (see Table 4)
MF Inter-Tone Pause
ITP
[
∗] + [3] + [HEX code]
82 ms
1.72 ms … 7.03 sec. (see Table 4)
Flash 1 Duration
FL1
[
∗] + [4] + [HEX code]
101 ms
1.72 ms … 7.03 sec. (see Table 4)
Flash 2 Duration
FL2
[
∗] + [5] + [HEX code]
285 ms
1.72 ms … 7.03 sec. (see Table 4)
Pause 1 Duration
P1
[
∗] + [6] + [HEX code]
1 second
1.72 ms … 7.03 sec. (see Table 4)
Pause 2 Duration
P2
[
∗] + [7] + [HEX code]
3 seconds
1.72 ms … 7.03 sec. (see Table 4)
Pre-Digit Pause (LD)
PDP
[
∗] + [8] + [HEX code]
33 ms
1.72 ms … 7.03 sec. (see Table 4)
Post Flash Pause
PFP
[
∗] + [9] + [HEX code]
274 ms
1.72 ms … 7.03 sec. (see Table 4)
Tx Gain, Handset
ATX-HS
[0] + [1] + [HEX code]
37 dB
30 to 45 dB (see Table 8)
Rx Gain, Handset
ARX-HS
[0] + [2] + [HEX code]
1 dB
-6 to 9 dB (see Table 12)
Tx Gain, Handsfree
ATX-HF
[0] + [3] + [HEX code]
46 dB
39 to 54 dB (see Table 10)
Rx Gain, Loudspeaker
ARX-HS
[0] + [4] + [HEX code]
29 dB
22 to 37 dB (see Table 14)
Line Loss Compensation
LLC
[0] + [5] +
[0] = off
[1] = range 1: ILINE = 20 - 50 mA
[2] = range 2: ILINE = 45 - 75 mA
DTMF Level (Low Group)
VMF
[0] + [6] + [HEX code]
-6 dBm
-18 to -6 dBm in 1 dB steps
(see Table 24)
Tx Gain, Headset
ATX-HEAD
[0] + [7] + [HEX code]
37 dB
30 to 45 dB (see Table 20)
Rx Gain, Headset
ARX-HEAD
[0] + [8] + [HEX code]
1 dB
-6 to 9 dB (see Table 21)
MF Comfort Tone, RO
VMF-CT/RO
[0] + [9] + [HEX code]
-30 dBr
-36 to -18 dBr in 6 dB steps
(see Table 30)
MF Comfort Tone, LO1/2
VMF-CT/LO
[0] + [0] + [HEX code]
-9 dBr
-15 to 3 dBr in 6 dB steps
(see Table 30)
Make/Break Ratio (LD)
M/B
[#] + [1] +
[1] = 2 : 3
[0] = 1 : 2
Dial Rate (LD)
DR
[#] + [2] +
[0] = 10 pps
[1] = 20 pps
DC Mask (LI Voltage)
VLI
[#] + [3] +
[1] = 4.5 Volt
[0] = 3.5 Volt
Tx Soft Clip (Handset)
[#] + [4] +
[1] = on
(2 VPEAK)
[0] = off
Rx Soft Clip (Handset)
[#] + [5] +
[1] = on
(1 VPEAK)
[0] = off
Noise Monitoring (HF)
[#] + [6] +
[1] = on
[0] = off
Loudhearing Mode
[#] + [7] +
[1] = HF only
[0] = LH and HF modes available
Ringer Melody
[#] + [8] +
[1] = 3-Tone
[0] = 2-Tone
Key-in Tone (Beep)
KT
[#] + [9] +
[1] = on
[0] = off
Reset PIN Code
[#] + [0] +
[1] = 1111
Selected by user



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com