Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2525F Datasheet(PDF) 22 Page - ams AG

Part # AS2525F
Description  Single-Chip Handsfree Phone CMOS Integrated Circuit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2525F Datasheet(HTML) 22 Page - ams AG

Back Button AS2525F Datasheet HTML 18Page - ams AG AS2525F Datasheet HTML 19Page - ams AG AS2525F Datasheet HTML 20Page - ams AG AS2525F Datasheet HTML 21Page - ams AG AS2525F Datasheet HTML 22Page - ams AG AS2525F Datasheet HTML 23Page - ams AG AS2525F Datasheet HTML 24Page - ams AG AS2525F Datasheet HTML 25Page - ams AG AS2525F Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Datasheet AS2525
austriamicrosystems
Revision 2.1
Page 21 of 27
DTMF
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
DF
Frequency Deviation
Deviation of ceramic resonator
is not included
1.2
%
VMF
MF Tone Level at LS
(Low Group)
Default
-4.5
-5.5
-6.5
dBm
VMF-RANGE MF Tone Level Range at LS
(Low Group)
13 steps
-18/-6
dBm
∆VL_H
Pre-emphasis, Low to High
2.0
2.6
3.2
dBr
VUFC
Unwanted Frequency
Components
300 Hz....4.3 kHz
4.3 kHz…7 kHz
7 kHz....10 kHz
10 kHz…14 kHz
14 kHz....28.5 kHz
28.5 kHz....40 kHz
-40
-46
-52
-58
-70
-80
dBm
dBm
dBm
dBm
dBm
dBm
tTD
Tone Duration, Minimum
Default
80
82.3
85
ms
tITP
Inter Tone Pause, Min.
Default
80
82.3
85
ms
tTR
tTR
Tone Rise Time
Tone Fall Time
From 10% to 90% amplitude
From 90% to 10% amplitude
5
5
ms
ms
VCT
Comfort Tone Level, RO
Relative to LS, 4 steps
-36
-18
dBr
LD Dialing
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
tDR
Dialing Rate
Default
Option
9.53
10
20
10.5
pps
pps
t/B
Break Period
Default
Option
Option
57
61.2
66
33
63
ms
ms
ms
tM/
Make Period
Default
Option
Option
38
40.8
33
16.5
42
ms
ms
ms
tPDP
Pre-Digit Pause
35
ms
tIDP
Inter-Digit Pause
800
880
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com