Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2525F Datasheet(PDF) 20 Page - ams AG

Part # AS2525F
Description  Single-Chip Handsfree Phone CMOS Integrated Circuit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2525F Datasheet(HTML) 20 Page - ams AG

Back Button AS2525F Datasheet HTML 16Page - ams AG AS2525F Datasheet HTML 17Page - ams AG AS2525F Datasheet HTML 18Page - ams AG AS2525F Datasheet HTML 19Page - ams AG AS2525F Datasheet HTML 20Page - ams AG AS2525F Datasheet HTML 21Page - ams AG AS2525F Datasheet HTML 22Page - ams AG AS2525F Datasheet HTML 23Page - ams AG AS2525F Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Datasheet AS2525
austriamicrosystems
Revision 2.1
Page 19 of 27
AC Electrical Characteristics
ILINE = 15 mA; f = 800 Hz; ZAC = 1000
; recommended operating conditions and default settings unless otherwise specified.
Transmit
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
ATX
Transmit Gain, default
M1/M2 to LS
M3/M4 to LS
34.3
42.0
35.8
44.0
37.3
46.0
dB
dB
Variation with Frequency
f = 500 Hz to 3.4 kHz
+/- 0.8
dB
THD
Distortion
VLS < 0.25 VRMS
2%
VAGC
ASCO
tDECAY
tDECAY
Soft Clip Level
Soft Clip Overdrive
Attack Time
Decay Time
VLS =2
20
70
100
V
dB
µs/6dB
ms/6dB
ZIN
Input Impedance; M1/M2
Input Impedance; M3/M4
10
10
k
k
AMUTE
Mute Attenuation
Mute activated
60
dB
VNO
Noise Output Voltage
TAMB = 25°C, handset mode
ATX = 37 dB
-72
dBmp
VIN MAX
Input Voltage Range; M1/M2
and M3/M4
Differential
+/- 1
VPEAK
Line Driver
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VIN MAX
Input Voltage Range; LI
+/- 2
VPEAK
VTX
Dynamic Range; LI
+/- 2
VPEAK
RL
∆ZAC/TEMP
Return Loss
Temperature Variation
ZRL = 1000
; TAMB = 25°C
18
0.5
dB
Ω/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com