Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2525F Datasheet(PDF) 10 Page - ams AG

Part # AS2525F
Description  Single-Chip Handsfree Phone CMOS Integrated Circuit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2525F Datasheet(HTML) 10 Page - ams AG

Back Button AS2525F Datasheet HTML 6Page - ams AG AS2525F Datasheet HTML 7Page - ams AG AS2525F Datasheet HTML 8Page - ams AG AS2525F Datasheet HTML 9Page - ams AG AS2525F Datasheet HTML 10Page - ams AG AS2525F Datasheet HTML 11Page - ams AG AS2525F Datasheet HTML 12Page - ams AG AS2525F Datasheet HTML 13Page - ams AG AS2525F Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Datasheet AS2525
austriamicrosystems
Revision 2.1
Page 9 of 27
Memory Allocation
The EEPROM memory consists of three areas:
A = factory settings; B = user settings; C = stored numbers
A) factory settings
B) user settings
C) stored numbers
programmed in factory
Set-up programming
User-code programming
"reset to factory settings"
…write/read by AS2525
EEPROM
Figure 3: Memory allocation for external EEPROM
The AS2525 is writing and reading to and from area B and
C during normal operation and user-code programming.
Area A is protected during normal operation and contains a
back-up copy of the factory settings. This back-up copy
can be loaded into area B by the user with the user-code
programming procedure "reset to factory settings". The
only way to change the factory settings in area A is by set-
up programming using password. After changing area A by
set-up programming, the AS2525 automatically performs a
"reset to factory settings" to load this changes also into
area B.
Functional Description
DC Conditions
The normal operating mode is from 15 mA to 100 mA. An
operating mode with reduced performance is from 5 mA to
15 mA. In the line-hold range from 0 mA to 5 mA the device
is in a power down mode.
The dc characteristic is determined by the voltage at LI pin
and a 30
resistor between pin LI and LS. It can be
calculated by the following equation:
VLS = VLI + ILINE * 30
VLI can be programmed to be 3.5 V or 4.5 V.
Table 7: DC mask selection
[PG] + [0] + (Password) + [#] + [3] + (digit) + [PG]
Digit
DC Mask (dc voltage at pin LI)
[0]
Low dc mask, VLI = 3.5 Volt
[1]
High dc mask, VLI = 4.5 Volt
100
80
60
40
20
0
0
2
4
6
8
ILine
VLine
VLS
VLI
(V)
(mA)
Figure 4: DC characteristic with low dc mask
2/4 Wire Conversion
AS2525 has a built-in dual Wheatstone bridge with one
common ground. This provides a maximum of
independence of ac impedance and side-tone from each
other. One can adapt side-tone without changing the ac
impedance.
AC Impedance
The ac impedance of AS2525 is set to 1000
. A complex
impedance can be adjusted by connecting an external
capacitor to the CI pin. With an external resistor of
approximately 1.5 k
connected to the LS pin, it can be
programmed to 600
.
ZAC(syn) = 33
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com