Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2525F Datasheet(PDF) 21 Page - ams AG

Part # AS2525F
Description  Single-Chip Handsfree Phone CMOS Integrated Circuit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2525F Datasheet(HTML) 21 Page - ams AG

Back Button AS2525F Datasheet HTML 17Page - ams AG AS2525F Datasheet HTML 18Page - ams AG AS2525F Datasheet HTML 19Page - ams AG AS2525F Datasheet HTML 20Page - ams AG AS2525F Datasheet HTML 21Page - ams AG AS2525F Datasheet HTML 22Page - ams AG AS2525F Datasheet HTML 23Page - ams AG AS2525F Datasheet HTML 24Page - ams AG AS2525F Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Datasheet AS2525
austriamicrosystems
Revision 2.1
Page 20 of 27
Receive
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
ARX
Receive Gain, Default
LS to RO; volume reset
LS to LO1/LO2; volume max.
-2.0
25.0
-0.5
27.0
1.0
29.0
dB
dB
ARX-VOL
Volume Control Range
8 steps through [V-]/[V+] keys
15
dB
∆ARX
Variation with Frequency
f = 500 Hz to 3.4 kHz
+/- 0.8
dB
THD
Distortion, RO
Distortion, LO1/LO2
VRO = 0.25 VRMS
VLO1/2 = 0.25 VRMS
2
5
%
%
VAGC
ASCO
tDECAY
tDECAY
Soft Clip Level
Soft Clip Overdrive
Attack Time
Decay Time
VRO =
VRI > 0.8 VRMS
1
10
70
100
VPEAK
dB
µs/6dB
ms/6dB
VNO
VUFC
Noise Output Voltage, RO
Unwanted Frequency
Components
TAMB = 25°C, ARX = 3 dB
50 Hz.........20 kHz
-72
-60
dBmp
dBmp
ZIN
Input Impedance, RI
8
k
Ω
VIN-MAX RI
Input Voltage Range, RI
+/- 2
VPEAK
AST
Side Tone Cancellation
VRI < 0.25 VRMS
26
dB
ZIN
Input Impedance, STB
80
k
Ω
VIN-MAX ST
Input Voltage Range, STB
+/- 2
VPEAK
General Timings
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
td
Key Debounce Time
15
ms
tHS-L
Low/High Debounce
HS Input (going off-hook)
15
ms
tHS-H
High/Low Debounce
HS Input (going on-hook)
210
ms
tFD
Flash Duration
FL 1 (default)
FL 2 (default)
100
275
285
102
300
ms
ms
tPFP
Post Flash Pause
274
ms
tAP
Access Pause
P1 (default)
P2 (default)
0.9
1.0
3.0
1.1
sec.
sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com