Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 114 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 114 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 110Page - Texas Instruments DM3725CBC Datasheet HTML 111Page - Texas Instruments DM3725CBC Datasheet HTML 112Page - Texas Instruments DM3725CBC Datasheet HTML 113Page - Texas Instruments DM3725CBC Datasheet HTML 114Page - Texas Instruments DM3725CBC Datasheet HTML 115Page - Texas Instruments DM3725CBC Datasheet HTML 116Page - Texas Instruments DM3725CBC Datasheet HTML 117Page - Texas Instruments DM3725CBC Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
2.5.9
System and Miscellaneous Terminals
Note: For more information, see the Power, Reset, and Clock Management / PRCM Environment section
of the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4).
Table 2-26. System and Miscellaneous Signals Description(1)
SIGNAL NAME
DESCRIPTION [2]
TYPE [3]
BALL
BALL TOP
BALL
BALL TOP
BALL
[1]
BOTTOM
(CBP Pkg.)
BOTTOM
(CBC Pkg.)
BOTTOM
(CBP Pkg.)
(2)[5]
(CBC Pkg.)
(2)[5]
(CUS Pkg.)
[4]
[4]
[4]
sys_32k
32-kHz clock input
I
AE25
NA
AE20
NA
AA16
sys_xtalin
Main input clock. Oscillator input or LVCMOS at
AI-I
AE17
NA
AF19
NA
AD15
19.2, 13, or 12 MHz.
sys_xtalout
Output of oscillator
AO
AF17
NA
AF20
NA
AD14
sys_altclk
Alternate clock source selectable for GPTIMERs
I
J25
NA
J23
NA
A24
(maximum 54 MHz), USB (48 MHz), or
NTSC/PAL (54 MHz)
sys_clkreq
Request from device for system clock (open
IO
AF25
NA
W15
NA
Y13
source type)
sys_clkout1
Configurable output clock1
O
AG25
NA
AE14
NA
Y7
sys_clkout2
Configurable output clock2
O
AE22
NA
W11
NA
AA6
sys_boot0
Boot configuration mode bit 0
I
AH26
NA
F3
NA
AB12
sys_boot1
Boot configuration mode bit 1
I
AG26
NA
D3
NA
AC16
sys_boot2
Boot configuration mode bit 2
I
AE14
NA
C3
NA
AD17
sys_boot3
Boot configuration mode bit 3
I
AF18
NA
E3
NA
AD18
sys_boot4
Boot configuration mode bit 4
I
AF19
NA
E4
NA
AC17
sys_boot5
Boot configuration mode bit 5
I
AE21
NA
G3
NA
AB16
sys_boot6
Boot configuration mode bit 6
I
AF21
NA
D4
NA
AA15
sys_nrespwron
Power On Reset
I
AH25
NA
V13
NA
AA10
sys_nreswarm
Warm Boot Reset (open drain output)
IOD
AF24
NA
AD7
AA5
Y10
sys_nirq
External FIQ input
I
AF26
NA
V16
NA
W16
sys_nvmode1
Indicates the voltage mode
O
AD26
NA
AD15
NA
Y16
sys_nvmode2
Indicates the voltage mode
O
AE26
NA
W16
NA
Y15
sys_off_mode
Indicates the voltage mode
O
AF22
NA
V12
NA
AD23
sys_ndmareq0
External A request 0 (system expansion). Level
I
U8
NA
B6
NA
D2
(active low) or edge (falling) selectable.
sys_ndmareq1
External A request 1 (system expansion). Level
I
T8 / J8
NA
B4 / C6
NA
F4 / C2
(active low) or edge (falling) selectable.
sys_ndmareq2
External A request 2 (system expansion). Level
I
L3 / R8
NA
D1 / C4
NA
H2 / G5
(active low) or edge (falling) selectable.
sys_ndmareq3
External A request 3 (system expansion). Level
I
K3 / P8
NA
D2 / B5
NA
G2 / F3
(active low) or edge (falling) selectable.
(1) NA in this table stands for "Not applicable".
(2) For a list of pins not supported on a particular package, see Table 2-4.
Table 2-27. CBC Package Feed-Through Balls
JEDEC 14x14mm, 0.65mm,
JEDEC DESCRIPTION (1)
BALL TOP
BALL BOTTOM
FEED-THROUGH BALL
152ball
NAME
NC
No Connect
A1
A1
pop_a1_a1
d-vdd
DDR Supply
J1
L1
pop_j1_l1
NC
No Connect
AA1
AF1
NC
f-vdd
Flash Supply
N2
T2
pop_n2_t2
f-vdd
Flash Supply
T2
Y2
pop_t2_y2
NC
No Connect
W2
AE2
pop_w2_ae2
NC
No Connect
Y2
AF4
pop_y2_af4
f-vdd
Flash Supply
AA6
AF5
pop_aa6_af5
f-vdd
Flash Supply
Y7
AF8
pop_y7_af8
114
TERMINAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com