Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 117 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 117 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 113Page - Texas Instruments DM3725CBC Datasheet HTML 114Page - Texas Instruments DM3725CBC Datasheet HTML 115Page - Texas Instruments DM3725CBC Datasheet HTML 116Page - Texas Instruments DM3725CBC Datasheet HTML 117Page - Texas Instruments DM3725CBC Datasheet HTML 118Page - Texas Instruments DM3725CBC Datasheet HTML 119Page - Texas Instruments DM3725CBC Datasheet HTML 120Page - Texas Instruments DM3725CBC Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 280 page
background image
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
3
Electrical Characteristics
NOTE
For more information, see the Power Reset and Clock Management / PRCM Environment
section of the AM/DM37x Multimedia Device Technical Reference Manual (literature number
SPRUGN4).
3.1
Absolute Maximum Ratings
Stresses beyond those listed as absolute maximum ratings may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those listed under "Recommended Operating Conditions" is not implied. Exposure to absolute
maximum rated conditions for extended periods may affect device reliability.
Table 3-1. Absolute Maximum Rating over Junction Temperature Range
PARAMETER
MIN
MAX
UNIT
vdd_mpu_iva
Supply voltage range for MPU / IVA domain
–0.5
1.5
V
vdd_core
Supply voltage range for core domain
–0.5
1.5
V
vdda_wkup_bg_bb
Supply voltage range for wake-up domain (internal
–0.5
2.1
V
LDO)
vdda_dplls_dll
Supply voltage for MPU, IVA, Core DPLLs, and DLL
–0.5
2.1
V
vdda_dpll_per
Supply voltage for DPLLs (peripherals)
–0.5
2.1
V
vdds_sram
Supply voltage for SRAM LDOs
–0.5
2.1
V
vdda_dac
Supply voltage for video buffers and DAC
–0.5
2.1
V
vdds
Supply voltage for 1.8-V I/O macros
–0.5
2.1
V
vdds_mem
Supply voltage for memory buffers
–0.5
2.1
V
vdds_mmc1
Supply voltage range for mmc1 dual voltage IOs
–0.5
3.8
V
vdds_x
Supply voltage range for dual voltage GPIOs
–0.5
3.8
V
JTAG(9)
200
VESD
ESD stress
HBM (Human
CAM(6)
400
V
voltage(1)
Body Model)(2)
GPMC(8)
500
Other signals
1000
CDM (Charged Device Model)(3)
250
IIOI
Current-pulse injection on each IO pin(5)
200
mA
Iclamp
Clamp current for an input or output
–20
20
mA
TSTG
(4)
Storage temperature range
–65
150
°C
(1) Electrostatic discharge (ESD) to measure device sensitivity/immunity to damage caused by electrostatic discharges into the device.
(2) Level listed above is the passing level per ANSI/ESDA/JEDEC JS-001-2010. JEDEC document JEP155 states that 500V HBM allows
safe manufacturing with a standard ESD control process, and manufacturing with less than 500V HBM is possible if necessary
precautions are taken. Pins listed as 1000V may actually have higher performance.
(3) Level listed above is the passing level per EIA-JEDEC JESD22-C101E. JEDEC document JEP157 states that 250V CDM allows safe
manufacturing with a standard ESD control process. Pins listed as 250V may actually have higher performance.
(4) For tape and reel the storage temperature range is [
–10°C; +50°C] with a maximum relative humidity of 70%. It is recommended
returning to ambient room temperature before usage.
(5) Each device is tested with an IO pin injection of 200 mA with a stress voltage of 1.5 times the maximum Vdd at room temperature.
(6) Corresponding signals: cam_d0, cam_d1, cam_d6, cam_d7, cam_d8, cam_d9. Refer to Multiplexing Characteristicsto determine the ball
information per package.
(7) Corresponding signals: dss_data0, dss_data1, dss_data2, dss_data3, dss_data4, dss_data5. Refer to Multiplexing Characteristics to
determine the ball information per package.
(8) Corresponding signals: All 46 GPMC interface signals (vdds_mem is not included to this exception list). Refer to Multiplexing
Characteristics to determine the ball information per package.
(9) Corresponding signals: All 8 JTAG interface signals (jtag_emu0, jtag_emu1, jtag_ntrst, jtag_rtck, jtag_tck, jtag_tdi, jtag_tdo,
jtag_tms_tmsc). Refer to Multiplexing Characteristics to determine the ball information per package.
Copyright
© 2010–2011, Texas Instruments Incorporated
Electrical Characteristics
117
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com