Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 118 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 118 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 114Page - Texas Instruments DM3725CBC Datasheet HTML 115Page - Texas Instruments DM3725CBC Datasheet HTML 116Page - Texas Instruments DM3725CBC Datasheet HTML 117Page - Texas Instruments DM3725CBC Datasheet HTML 118Page - Texas Instruments DM3725CBC Datasheet HTML 119Page - Texas Instruments DM3725CBC Datasheet HTML 120Page - Texas Instruments DM3725CBC Datasheet HTML 121Page - Texas Instruments DM3725CBC Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
Table 3-2 summarizes the power consumption at the ball level.
Table 3-2. Maximum Current Ratings at Ball Level (3)
PARAMETER
MAX
UNIT
SIGNAL
DESCRIPTION
vdd_mpu_iva(7)
Maximum current rating for MPU / IVA
Processors
DM3730/DM3725 (1G
1400(1)(4)
mA
domain
Hz)
DM3730/DM3725 (800M
1200(5)
Hz)
DM3730/DM3725 (600M
800(5)
Hz)
vdd_core(1)
Maximum current rating for core
Core
DM3730
300
mA
domain
DM3725
230
vdds
Maximum current rating for 1.8-V I/O macros
60
mA
vdds_mem
Maximum current rating for memory buffers
35
mA
vdds_mmc1(2)
Maximum current rating for mmc1 dual voltage buffers
20
mA
vdds_x
Maximum current rating for GPIO dual voltage buffers
2
mA
vdda_wkup_bg_b Maximum current rating for wake-up, bandgap and VBB LDOs
5
mA
b
vdda_dac
Maximum current rating for video buffers and DAC
60
mA
vdda_dplls_dll
Maximum current rating for MPU, IVA, core DPLLs and DLL
30
mA
vdda_dpll_per
Maximum current rating for DPLLs (peripherals)
10
mA
vdds_sram
Maximum current rating for SRAM LDOs (common)
41
mA
(1) With SmartReflexTM enabled.
(2) MMC card and I/O card are not included.
(3) The maximum current ratings documented in this table are preliminary data which are subject to change.
(4) Conditions used for maximum current ratings are worst case:
–
TJ is up to 90C
–
Cold process is used
–
VDD1 (vdd_mpu_iva) supplies 1.38 V (maximum voltage supported)
In these conditions, the current listed as 1400mV is the addition of the:
–
Current when running Dhrystone on ARM@1GHz multiplied by a factor x1.5 (to take care of NEON activity)
–
Current when running H.264 on IVA@800MHz with a x1.1 factor (to take care of more aggressive SW than H.264)
(5) Conditions used for maximum current ratings are worst case:
–
TJ is up to 90C
–
Hot process is used
–
VDD1 (vdd_mpu_iva) nominal OPP voltage:
–
DM3730 (800M Hz): @1.27V
–
DM3730 (600M Hz): @1.14V
(6) This maximum vdd_mpu_iva current is observed at OPP1G operating point.
(7) Depending on the microprocessor chosen, the IVA feature may or may not be supported. See the Features section for more information
on device features.
118
Electrical Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com