Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 137 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 137 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 133Page - Texas Instruments DM3725CBC Datasheet HTML 134Page - Texas Instruments DM3725CBC Datasheet HTML 135Page - Texas Instruments DM3725CBC Datasheet HTML 136Page - Texas Instruments DM3725CBC Datasheet HTML 137Page - Texas Instruments DM3725CBC Datasheet HTML 138Page - Texas Instruments DM3725CBC Datasheet HTML 139Page - Texas Instruments DM3725CBC Datasheet HTML 140Page - Texas Instruments DM3725CBC Datasheet HTML 141Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 280 page
background image
SWPS038-009
sys_32k
CK0
CK1
CK1
SWPS038-010
sys_altclk
ALT0
ALT1
ALT1
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
(1) In this table, the transition times are calculated for 10%-90% of VDDS. For more information on the corresponding VDDS power supply
name, please see the Ball Characteristics table corresponding to your package. The POWER column defines the VDDS power supply
for each ball.
Figure 4-4. sys_32k Input Clock
4.1.5
sys_altclk CMOS Input Clock
Table 4-8 summarizes the electrical characteristics of the sys_altclk input clock.
Table 4-8. sys_altclk Input Clock Electrical Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
f
Frequency, sys_altclk
48 or 54
MHz
Ci
Input capacitance
1.6
pF
Ri
Input resistance
3
106
M
Ω
Table 4-9 details the input requirements of the sys_altclk input clock.
Table 4-9. sys_altclk Input Clock Timing Requirements(2)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
ALT0
1 / tc(altclk)
Frequency, sys_altclk
48 or 54
MHz
ALT1
tw(altclk)
Pulse duration, sys_altclk low or high
0.49 * tc(altclk)
0.51 * tc(altclk)
ns
tJ(altclk)
Peak-to-peak jitter(1), sys_altclk
-1%
1%
tR(altclk)
Rise time, sys_altclk
10
ns
tF(altclk)
Fall time, sys_altclk
10
ns
tJ(altclk)
Frequency stability, sys_altclk
50
ppm
(1) Peak-to-peak jitter is meant here as follows:
–
The maximum value is the difference between the longest measured clock period and the expected clock period
–
The minimum value is the difference between the shortest measured clock period and the expected clock period Maximum and
minimum are obtained on a statistical population of 300 period samples and expressed relative to the expected clock period
(2) In this table, the transition times are calculated for 10%-90% of VDDS. For more information on the corresponding VDDS power supply
name, please see the Ball Characteristics table corresponding to your package. The POWER column defines the VDDS power supply
for each ball.
Figure 4-5. sys_altclk Input Clock
Copyright
© 2010–2011, Texas Instruments Incorporated
Clock Specifications
137
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com