Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 139 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 139 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 135Page - Texas Instruments DM3725CBC Datasheet HTML 136Page - Texas Instruments DM3725CBC Datasheet HTML 137Page - Texas Instruments DM3725CBC Datasheet HTML 138Page - Texas Instruments DM3725CBC Datasheet HTML 139Page - Texas Instruments DM3725CBC Datasheet HTML 140Page - Texas Instruments DM3725CBC Datasheet HTML 141Page - Texas Instruments DM3725CBC Datasheet HTML 142Page - Texas Instruments DM3725CBC Datasheet HTML 143Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 280 page
background image
SWPS038-011
sys_clkout1
CO0
CO1
CO1
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
Table 4-11. sys_clkout1 Output Clock Switching Characteristics(6) (continued)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
tF(CLKOUT1)
Fall time, sys_clkout1
0.4(2) (4)
5(3)
ns
(1) The mode is configured by bits SC0 and SC1 of the IO cell. For more details, see the AM/DM37x Multimedia Device Technical
Reference Manual (SPRUGN4).
(2) At minimum load
(3) At maximum load (Maximum frequency 20 MHz)
(4) Caution: this creates EMI parasitics up to 1.2 ns
(5) X parameter corresponds to the input jitter contribution added at sys_xtalin input pin. For more information regarding the sys_xtalin input
jitter requirement, see Section 4.1.1.
(6) In this table, the transition times are calculated for 10%-90% of VDDS. For more information on the corresponding VDDS power supply
name, please see the Ball Characteristics table corresponding to your package. The POWER column defines the VDDS power supply
for each ball.
Figure 4-6. sys_clkout1 Output Clock
4.2.2
sys_clkout2 Output Clock
Table 4-12 summarizes the sys_clkout2 ouput clock electrical characteristics.
Table 4-12. sys_clkout2 Output Clock Electrical Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
f
Frequency, sys_clkout2
sys_xtalin clock or core_dpll clock(1) or 54
MHz
MHz, 96 MHz(2)
CL
Load capacitance
2
22
pF
ZT
Transmission line impedance
30
70
Ω
LT
Transmission line length
1
6
cm
(1) Possible divider: 4, 8, or 16.
(2) Possible divider: 1, 2, 4, 8, or 16.
Table 4-13 details the sys_clkout2 ouput clock switching characteristics.
Table 4-13. sys_clkout2 Output Clock Switching Characteristics(8)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
CO0
1 / tc(CLKOUT2) Frequency, sys_clkout2
sys_xtalin clock or core_dpll clock(3) or 54
MHz
MHz, 96 MHz(4)
tc(xtalin)
Cycle time, sys_xtalin
1 / sys_xtalin
ns
(MHz)
tc(coredpll)
Cycle time, core_dpll (DPLL3) (7)
1 / core_dpll
ns
(MHz)
tc(54mhz)
Cycle time, 54MHz clock (DPLL4) (7)
18.52
ns
tc(96mhz)
Cycle time, 96MHz clock (DPLL4) (7)
10.42
ns
CO1
tw(CLKOUT2)
Pulse duration, sys_clkout2 low or high
0.49*tc(clkout
0.51*tc(clkout
ns
2)
2)
Copyright
© 2010–2011, Texas Instruments Incorporated
Clock Specifications
139
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com