Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 142 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 142 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 138Page - Texas Instruments DM3725CBC Datasheet HTML 139Page - Texas Instruments DM3725CBC Datasheet HTML 140Page - Texas Instruments DM3725CBC Datasheet HTML 141Page - Texas Instruments DM3725CBC Datasheet HTML 142Page - Texas Instruments DM3725CBC Datasheet HTML 143Page - Texas Instruments DM3725CBC Datasheet HTML 144Page - Texas Instruments DM3725CBC Datasheet HTML 145Page - Texas Instruments DM3725CBC Datasheet HTML 146Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
Table 4-15. DPLL4 Characteristics (continued)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
COMMENTS
prelock-L
Relock time
—Phase lock(3) (Low
7.5 +
μs
DPLL in low-power mode:
power bypass)
125*REFCLKs
lowcurrstdby = 1
trelock-F
Relock time
—Frequency lock(3) (Fast
NA
μs
relock bypass)
prelock-F
Relock time
—Phase lock(3) (Fast
NA
μs
relock bypass)
(1) The minimum frequency on CLKOUT is assuming M2 = 1. For M2
> 1, the minimum frequency on this clock will further scale down by
factor of M2.
(2) The maximum frequency on CLKOUT is assuming M2 = 1.
(3) Relock time assumes typical operating conditions, 10
°C maximum temperature drift.
4.3.2
DLL Characteristics
Table 4-16 summarizes the DLL characteristics and assumes testing over recommended operating
conditions.
Table 4-16. DLL Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
COMMENTS
vdda_dplls_dll
Supply voltage for DPLLs (MPU, IVA, and
1.71
1.8
1.91
V
Core) and DLL
finput
Input clock frequency (1)
66
120
200
MHz
Either application mode 0 and 1
tlock
Lock time
500
Clocks
trelock
Relock time (Mode transitions through idle
500
ns
IDLE to MODEMAXDELAY
mode)
250
450
Clocks
IDLE to APPLICATION MODE 1
or 0
1.88
3.38
μs
IDLE to APPLICATION MODE
@133 MHz
1.50
2.71
μs
IDLE to APPLICATION MODE
@166 MHz
1.25
2.25
μs
IDLE to APPLICATION MODE
@200 MHz
(1) Maximum frequency for nominal conditions.
142
Clock Specifications
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com