Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 145 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 145 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 141Page - Texas Instruments DM3725CBC Datasheet HTML 142Page - Texas Instruments DM3725CBC Datasheet HTML 143Page - Texas Instruments DM3725CBC Datasheet HTML 144Page - Texas Instruments DM3725CBC Datasheet HTML 145Page - Texas Instruments DM3725CBC Datasheet HTML 146Page - Texas Instruments DM3725CBC Datasheet HTML 147Page - Texas Instruments DM3725CBC Datasheet HTML 148Page - Texas Instruments DM3725CBC Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 280 page
background image
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
4.3.5
Device Core Clocks
Table 4-21 and Table 4-22 show the device core clocks AC performance values.
Table 4-21. Device Core Voltages
RETENTION
OPP50
OPP100
MIN
MIN
TYP
MAX
MIN
TYP
MAX
VDD2 (1) (2) (3) (V)
0.8
0.90
0.95
1.00
1.08
1.14
1.20
(1) At ball level.
(2) Minimum OPP voltage values defined in this table include any voltage transient.
(3) When SmartReflex
™ is not used, these values define the required voltage range. When SmartReflex™ will be used, these voltages are
the required voltage range prior to enabling the SmartReflex
™ feature. After calibration, the minimum voltage may be lower than this
specification.
Table 4-22. Device Core Clocks
OPP50
OPP100
Descripti
Source
Max
Ratio
Max
Ratio
Max
Ratio
Max
Ratio
Max
Ratio
Max
Ratio
on
Freq.(MH
Freq.(MH
Freq.(MH
Freq.(MH
Freq.(MH
Freq.(MH
z)
z)
z)
z)
z)
z)
DPLL3
-
800
-
664
-
400
-
800
-
664
-
532
-
Locked
Frequenc
y
DPLL3C
DPLL3
200
2 *(M2 =
166
2 *(M2 =
200
2 *(M2 =
400
2 *(M2 =
332
2 *(M2 =
266
2 *(M2 =
LKOUT_
Locked
2)(1)(2)
1)(1)(2)
1)(1)(2)
1)(1)(2)
1)(1)(2)
1)(1)(2)
M2
Frequenc
y
CORE_C
DPLL3C
200
1
166
1
200
1
400
1
332
1
266
1
LK
LKOUT_
M2
L3_ICLK
CORE_C
100
2(1)
83
2(1)
100
2(1)
200
2(1)
166
2(1)
133
2(1)
LK
L4_ICLK
L3_ICLK
50
2(1)
41.5
2(1)
50
2(1)
100
2(1)
83
2(1)
66.5
2(1)
SDRC_C
L3_ICLK
100
1
83
1
100
1
200
1
166
1
133
1
LK
GPMC_C L3_ICLK
50
2(1)
41.5
2(1)
50
2(1)
100
2(1)
83
2(1)
66.5
2(1)
LK
(1) This ratio is configurable by software programming. For more information, see the AM/DM37x Multimedia Device Technical Reference
Manual (SPRUGN4).
(2) The DPLL ratios documented in this table are recommended ratios. Other values may apply.
4.3.6
Graphic Accelerator (SGX) Clocks
Table 4-23 and Table 4-24 show the recommended VDD2 (corresponding to vdd_core, Core and SGX
voltage at ball level) voltages ranges and the standard graphic accelerator (SGX) clocks speed
characteristics vs VDD2.
Table 4-23. Graphic Accelerator Voltages
OPP 100 (2)
MIN
TYPICAL
MAX
VDD2
(1)(3)(4) (V)
1.08
1.14
1.20
(1) At ball level.
(2) SGX (Graphic Accelerator) is not available in the OPP50 operating point.
(3) When SmartReflex
™ is not used, these values define the required voltage range. When SmartReflex™ will be used, these voltages are
the required voltage range prior to enabling the SmartReflex
™ feature. After calibration, the minimum voltage may be lower than this
specification.
(4) Minimum OPP voltage values defined in this table include any voltage transient.
Copyright
© 2010–2011, Texas Instruments Incorporated
Clock Specifications
145
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com