Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 141 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 141 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 137Page - Texas Instruments DM3725CBC Datasheet HTML 138Page - Texas Instruments DM3725CBC Datasheet HTML 139Page - Texas Instruments DM3725CBC Datasheet HTML 140Page - Texas Instruments DM3725CBC Datasheet HTML 141Page - Texas Instruments DM3725CBC Datasheet HTML 142Page - Texas Instruments DM3725CBC Datasheet HTML 143Page - Texas Instruments DM3725CBC Datasheet HTML 144Page - Texas Instruments DM3725CBC Datasheet HTML 145Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 280 page
background image
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
4.3.1
DPLL Characteristics
Table 4-14 summarizes the DPLL characteristics and assumes testing over recommended operating
conditions.
Table 4-14. DPLL1 - DPLL2 - DPLL3 - DPLL5 Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
COMMENTS
vdda_dplls_dll
Supply voltage for DPLLs (MPU, IVA,
1.71
1.8
1.91
V
and Core) and DLL
vdda_dpll_per
Supply voltage for DPLL
1.71
1.8
1.91
V
(Peripherals)
finput
CLKINP Input frequency
0.032
52
MHz
FINP
finternal
Internal reference frequency
0.032
52
MHz
REFCLK
fCLKINPHIF
CLKINPHIF Input frequency
10
1000
MHz
FINPHIF
fCLKINPULOW
CLKINPULOW Input frequency
0.001
800
MHz
fCLKOUT
CLKOUT output frequency
10(1)
1000(2)
MHz
[M / (N + 1)] * FINP * [1 /
M2]
fCLKOUTx2
CLKOUTx2 output frequency
20(1)
2000(2)
MHz
2 * [M / (N + 1)] * FINP * [1
/ M2]
fCLKOUTHIF
CLKOUTHIF output frequency
10(3)
1000(4)
MHz
FINPHIF / M3
20(3)
2000(4)
2 * [M / (N + 1)] * FINP * [1
/ M3]
fDCOCLKLDO
DCOCLKLDO output frequency
20
2000
MHz
2 * [M / (N + 1)] * FINP
tlock
Frequency lock time
1.9 +
μs
350*REFCLK
plock
Phase lock time
1.9 +
μs
500*REFCLK
trelock-L
Relock time
—Frequency lock(5) (Low
1.9 + 70*REFCLK
μs
DPLL in low-power mode:
power bypass)
lowcurrstdby = 1
prelock-L
Relock time
—Phase lock(5) (Low
1.9 +
μs
DPLL in low-power mode:
power bypass)
120*REFCLK
lowcurrstdby = 1
trelock-F
Relock time
—Frequency lock(5) (Fast
0.05 +
μs
DPLL in normal mode:
relock bypass)
70*REFCLK
lowcurrstdby = 0
prelock-F
Relock time
—Phase lock(5) (Fast
0.05 +
μs
DPLL in normal mode:
relock bypass)
120*REFCLK
lowcurrstdby = 0
(1) The minimum frequencies on CLKOUT and CLKOUTX2 are assuming M2 = 1. For M2
> 1, the minimum frequency on these clocks will
further scale down by factor of M2.
(2) The maximum frequencies on CLKOUT and CLKOUTX2 are assuming M2 = 1.
(3) The minimum frequency on CLKOUTHIF is assuming M3 = 1. For M3
> 1, the minimum frequency on this clock will further scale down
by factor of M3.
(4) The maximum frequency on CLKOUTHIF is assuming M3 = 1.
(5) Relock time assumes typical operating conditions, 10
°C maximum temperature drift.
Table 4-15. DPLL4 Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
COMMENTS
vdda_dpll_per
Supply voltage for DPLL (peripherals)
1.71
1.8
1.91
V
finput
CLKINP input clock frequency
0.5
60
MHz
FINP
finternal
REFCLK internal reference frequency
0.5
2.5
MHz
REFCLK
fCLKINPULOW
CLKINPULOW bypass input
0.001
800
MHz
frequency
fCLKOUT
CLKOUT output clock frequency
10(1)
2000(2)
MHz
[M / (N + 1)] * FINP * [1 /
M2]
fDCOCLKLDO
Internal oscillator (DCO) output clock
500
2000
MHz
[M / (N + 1)] * FINP
frequency
tlock
Frequency lock time
350*REFCLK
μs
plock
Phase lock time
500*REFCLK
μs
trelock-L
Relock time
—Frequency lock(3) (Low
7.5 +
μs
DPLL in low-power mode:
power bypass)
30*REFCLKs
lowcurrstdby = 1
Copyright
© 2010–2011, Texas Instruments Incorporated
Clock Specifications
141
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com