Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9963BCPZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9963BCPZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963BCPZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9963BCPZ Datasheet HTML 31Page - Analog Devices AD9963BCPZ Datasheet HTML 32Page - Analog Devices AD9963BCPZ Datasheet HTML 33Page - Analog Devices AD9963BCPZ Datasheet HTML 34Page - Analog Devices AD9963BCPZ Datasheet HTML 35Page - Analog Devices AD9963BCPZ Datasheet HTML 36Page - Analog Devices AD9963BCPZ Datasheet HTML 37Page - Analog Devices AD9963BCPZ Datasheet HTML 38Page - Analog Devices AD9963BCPZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
Data Sheet
AD9961/AD9963
Rev. A | Page 35 of 60
RECEIVE PATH
Rx Path General Description
The AD9961/AD9963 Rx paths consist of dual, differential
input, 100 MSPS ADCs followed by an optional 2× decimation
filter. The Rx path also has digital offset and gain adjustments.
RXIP
TRXD[11:0]
RXIN
DECIMATION
SCALE
DATA
ASSEMBLER
RXQN
I OFFSET
Q OFFSET
RXQP
TRXIQ
TRXCLK
LPF
1/2
LPF
1/2
I ADC
Q ADC
Figure 39. Receive Path Block Diagram
The dual ADC paths share the same clocking and reference
circuitry to provide optimal matching characteristics. The
ADCs have a multistage differential pipelined switched
capacitor architecture with output error correction logic. The
ADCs support IF sampling frequencies up to 140 MHz, making
them suitable for undersampling receivers. Also, one of the
ADCs can be powered down and the digital interface can be
placed into single ADC mode. This flexibility makes the part
well-suited for sampling real signals as well.
RECEIVE ADC OPERATION
The Rx path analog inputs look into a nominal differential
impedance of 4 kΩ. The Rx inputs are self-biasing, so they can
be either ac-coupled or direct coupled. The nominal dc bias
level of the inputs is 1.4 volts. A buffered version of the bias
voltage is available at the RXCML pin. This voltage can be used
for biasing external buffer circuits when dc coupling is required.
For optimal dynamic performance, the analog inputs should be
driven differentially. The source impedances driving the Rx
inputs should be matched so that common-mode settling errors
are symmetrical. The Rx inputs can be driven with a single-
ended source, but SNR and SINAD performance is degraded.
ADC Reference Voltage
An internal differential voltage reference creates positive and
negative reference voltages that define the full-scale input
voltage of the ADCs. This full-scale input voltage range can be
adjusted by means of the RX_FSADJ[4:0] parameter in
configuration Register 0x7D. See the Configuration Registers
section for more details on setting the voltage.
The nominal input voltage range is 1.56 V. In general, a tradeoff
can be made between linearity and SNR. Increasing the input
voltage range leads to higher SNR. Decreasing the input voltage
range leads to better linearity.
RXBIAS
The AD9961/AD9963 provide the user with the option to place
a 10 kΩ resistor between the RXBIAS pin and ground. This
resistor is used to set the master current reference of the ADC
core. The RXBIAS resistor should have a tolerance of 1% or
better to preserve the accuracy of the ADC full-scale range.
Care should be taken in the layout to avoid any noise from
coupling into the RXBIAS pin.
RXCML
The RXCML pin of the AD9961/AD9963 provides the user with
a buffered version of the expected ADC common-mode bias
voltage. The RXCML output nominally is at 1.4 V. Bypassing
the RXCML output to analog ground maintains the stability of
the output buffer and lowers the noise. To maintain the
accuracy of the RXCML bias voltage, the current draw from the
pin should be kept below 1 mA.
REG 0x7E[0]
REG 0x0F[1]
RXIP
RXIN
RXQP
RXQN
RXCML
2kΩ
2kΩ
~1.4V
~1.4V
IADC
QADC
CMBIAS
AD9961/AD9963
PD
EN
2kΩ
2kΩ
Figure 40. Simplified Schematic of Rx Path Inputs
Differential Input Configurations
Optimum performance is achieved by driving the analog inputs
in a differential input configuration. For baseband applications,
the ADA4937 differential driver provides excellent performance
and a flexible interface to the ADC.
Figure 41 shows an ac-coupled input configuration. The VOCM
pin should be connected to a voltage that provides sufficient
headroom for the output driver of the differential amp. Usually,
setting VOCM to ½ of the amplifier supply voltage is the optimal
setting. Placing source resistance in series with the amplifiers
outputs isolates the amplifier from on-board parasitic capacitances
and leads to more stable operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com