Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9963BCPZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD9963BCPZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963BCPZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9963BCPZ Datasheet HTML 45Page - Analog Devices AD9963BCPZ Datasheet HTML 46Page - Analog Devices AD9963BCPZ Datasheet HTML 47Page - Analog Devices AD9963BCPZ Datasheet HTML 48Page - Analog Devices AD9963BCPZ Datasheet HTML 49Page - Analog Devices AD9963BCPZ Datasheet HTML 50Page - Analog Devices AD9963BCPZ Datasheet HTML 51Page - Analog Devices AD9963BCPZ Datasheet HTML 52Page - Analog Devices AD9963BCPZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
Data Sheet
AD9961/AD9963
Rev. A | Page 49 of 60
TRXIQ
TRXD[11:0]
TRXCLK
I0
I1
tOD2
Figure 75. Rx Timing, I ADC Only, Bus Rate Clock Mode
TRXIQ
TRXD[11:0]
TRXCLK
Q0
Q1
tOD2
Figure 76. Rx Timing, Q ADC Only, Bus Rate Clock Mode
TRXIQ
TRXD[11:0]
TRXCLK
I0
I1
tOD2
Figure 77. Rx Timing, I ADC Only, DDR Clock Mode
TRXIQ
TRXD[11:0]
TRXCLK
Q0
Q1
tOD2
Figure 78. Rx Timing, Q ADC Only, DDR Clock Mode
In addition to the different timing modes listed in Figure 75 to
Figure 78, the input data can also be delivered from the device
in either unsigned binary or twos complement format. The
format type is chosen via the RX_BNRY configuration bit.
TX PORT OPERATION (FULL-DUPLEX MODE)
The Tx port operates with a qualifying clock that can be
configured as either an input or an output. The input data
(TXD[11:0]) must be accompanied by the TXIQ signal which
identifies to which transmit channel (I or Q) the data is
intended. By default, the data and TXIQ signals are latched by
the device on the rising edge of TXCLK. The timing diagram is
shown in Figure 79
TXIQ
TXD[11:0]
TXCLK
tSU
tHD
Figure 79. Tx Port Timing Diagram (Data Rate Clock Mode)
The setup and hold time requirements for the Tx port in data
rate clock mode are given in Table 24.
The input samples to the device are assembled to create a
quadrature pair of data. The data can be arranged in two
possible data pairing orders and with two possible data to TXIQ
signal phase relationships. This creates four possible timing
modes. The AD9961/AD9963 can be configured to accept data
in any of these four modes. The data pairing order is controlled
by the TX_IFIRST bit. The data to TXIQ phase relationship is
controlled by the TXIQ_HILO bit. The two programming
options produce the four timing diagrams shown in Figure 80.
I1
I0
Q0
TXIQ
TXD[11 :0]
TXD[11 :0]
TXD[11 :0]
TXD[11 :0]
Q1
I2
Q2
Q1
Q0
I1
I2
Q2
I3
Q1
I0
I1
Q2
I2
Q0
I1
Q1
Q2
I2
Q3
I0
TX_IFIRST = 1
TXIQ_HILO = 1
TX_IFIRST = 1
TXIQ_HILO = 0
TX_IFIRST = 0
TXIQ_HILO = 1
TX_IFIRST = 0
TXIQ_HILO = 0
Figure 80. Transmit Path Data Pairing Options
In addition to the different timing modes listed above, the input
data can also be accepted by the device in either unsigned
binary or twos complement format. The format type is chosen
via the TX_BNRY configuration bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com