Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9963BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9963BCPZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9963BCPZ Datasheet HTML 3Page - Analog Devices AD9963BCPZ Datasheet HTML 4Page - Analog Devices AD9963BCPZ Datasheet HTML 5Page - Analog Devices AD9963BCPZ Datasheet HTML 6Page - Analog Devices AD9963BCPZ Datasheet HTML 7Page - Analog Devices AD9963BCPZ Datasheet HTML 8Page - Analog Devices AD9963BCPZ Datasheet HTML 9Page - Analog Devices AD9963BCPZ Datasheet HTML 10Page - Analog Devices AD9963BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
Data Sheet
AD9961/AD9963
Rev. A | Page 7 of 60
Table 5. Digital Logic Level Specifications
Parameter
Conditions
Min
Typ
Max
Unit
CMOS INPUT LOGIC LEVEL
V
IN Logic High
DRVDD = 1.8 V
1.2
V
V
IN Logic High
DRVDD = 2.5 V
1.7
V
V
IN Logic High
DRVDD = 3.3 V
2.0
V
V
IN Logic Low
DRVDD = 1.8 V
0.5
V
V
IN Logic Low
DRVDD = 2.5 V
0.7
V
V
IN Logic Low
DRVDD = 3.3 V
0.8
V
CMOS OUTPUT LOGIC LEVEL
V
OUT Logic High
DRVDD = 1.8 V
1.35
V
V
OUT Logic High
DRVDD = 2.5 V
2.05
V
V
OUT Logic High
DRVDD = 3.3 V
2.4
V
V
OUT Logic Low
DRVDD = 1.8 V
0.4
V
V
OUT Logic Low
DRVDD = 2.5 V
0.4
V
V
OUT Logic Low
DRVDD = 3.3 V
0.4
V
DAC CLOCK INPUT
Differential Peak-to-Peak Voltage
200
400
CLK33V
mV p-p diff
Duty Cycle
45
55
%
Slew Rate
0.1
V/ns
DIRECT CLOCKING
Clock Rate
CLKP/CLKN inputs
0.1
200
MHz
DLL ENABLED
%
Clock Rate
DLL delay line output
100
310
MHz
SERIAL PERIPHERAL INTERFACE
Maximum Clock Rate
50
MHz
Minimum Pulse Width High (t
HIGH)
10
ns
Minimum Pulse Width Low (t
LOW)
10
ns
Setup Time, SDIO (Data In) to SCLK (t
DS)
5.0
ns
Hold Time, SDI to SCLK (t
DH)
5.0
ns
Data Valid, SDIO (Data Out) to SCLK (t
DV)
5.0
ns
Setup Time, CS to SCLK (tS)
5.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com