Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9963BCPZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD9963BCPZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963BCPZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD9963BCPZ Datasheet HTML 53Page - Analog Devices AD9963BCPZ Datasheet HTML 54Page - Analog Devices AD9963BCPZ Datasheet HTML 55Page - Analog Devices AD9963BCPZ Datasheet HTML 56Page - Analog Devices AD9963BCPZ Datasheet HTML 57Page - Analog Devices AD9963BCPZ Datasheet HTML 58Page - Analog Devices AD9963BCPZ Datasheet HTML 59Page - Analog Devices AD9963BCPZ Datasheet HTML 60Page - Analog Devices AD9963BCPZ Datasheet HTML 61Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 58 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 58 of 60
EXAMPLE START-UP SEQUENCES
CONFIGURING THE DLL
The AD9963 DLL is shown in Figure 65, the clock distribution
diagram. The register writes in Table 31 configures the DLL
to drive the DACs with a multiplication in frequency of 10
and a division of 3 from the main CLKP/CLKN input. From
the default register settings at reset, this would take a 20 MHz
CLKP/CLKN clock, multiply it up to 200 MHz, then divide
the clock down by 3 to produce 66.67 MHz. The write to
Register 0x71 configures the DAC clock to be sourced from
the DLL. By default, the Rx and Tx data buses operate in SDR
mode. Each DAC is clocked at 66.67 MHz and the TxCLK pin
outputs 133.33 MHz.
Table 31.
Register
(hex)
Data
(hex)
Comments
0x60
0x80
% enable DLL
0x71
0x53
% set DAC clock to DLL/enable DLL
reference/N = 3
0x72
0x09
% M = 9, effective multiplication is M +
1 = 10
Delay 100 pS
0x75
0x08
% hold DLL reset high
0xDelay 100 pS
0x75
0x00
% hold DLL reset low
0x72
Read
% check Bit 7 to verify the DLL has
locked
CONFIGURING THE CLOCK DOUBLERS (DDLL)
The AD9963 includes two clock doublers. The Rx clock
doubler, if enabled, doubles the frequency of the CLKP/CLKN
signal on its way into the circuit that generates ADCCLK
(Figure 65). The Tx clock doubler doubles the DACCLK signal
and can be selected to be included in the TxCLK generator
circuit (Figure 52). Use of both clock doublers is recommended
when the ADCs and DACs are operated above 15 MHz.
When operating below 75 MHz, bypass the duty cycle stabilizer
in the ADCCLK generator circuit and take care to ensure a duty
cycle 45% to 55% of the CLKP/CLKN clock input. The series
of writes in Table 32 configures the Rx clock doubler to clock
the ADCs from reset. These writes are for an ADC clock of
< 75 MHz.
This same sequence could be used for setting up a clock
>75 MHz by removing the write to Register 0x66.
Table 32.
Register
(hex)
Data
(hex)
Comments
0x3C
0x00
% the recommended tap delay is 0
0x39
0x02
% configure RxCLK as DDLL
0x66
0x04
% bypass duty cycle correction (for
CLKP/CLKN < 75 MHz)
0x3B
0x55
% the recommended offset is 1
(changing Bit 3 from default)
Delay 100 pS
0x39
0x82
% reset Rx DDLL
Delay 100 pS
0x39
0x02
% pull Rx DDLL out of reset
0x63
0x08
% set drive strength to 3 for the RxClk
SENSING TEMPERATURE WITH THE AUXADC
This sequence of register writes and reads configures the
AUXADC to sense temperature.
Register
(hex)
Data
(hex)
Comments
0x77
0x03
Channel temperature sensor
0x7A
0x80
Aux ADC enable
0x7B
0x80
Temperature sensor enable
0x77
0x83
Choose channel to sample with AUX ADC
Read
0x78
MSB 7:0 = AUXADC[11:4]
Read
0x79
LSB bit 7:4 = AUXADC[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com