Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9963BCPZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD9963BCPZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963BCPZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9963BCPZ Datasheet HTML 20Page - Analog Devices AD9963BCPZ Datasheet HTML 21Page - Analog Devices AD9963BCPZ Datasheet HTML 22Page - Analog Devices AD9963BCPZ Datasheet HTML 23Page - Analog Devices AD9963BCPZ Datasheet HTML 24Page - Analog Devices AD9963BCPZ Datasheet HTML 25Page - Analog Devices AD9963BCPZ Datasheet HTML 26Page - Analog Devices AD9963BCPZ Datasheet HTML 27Page - Analog Devices AD9963BCPZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 24 of 60
Addr
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x71
0x00
ADCCLKSEL
DACCLKSEL
Unused
DLL_REF_EN
N[3:0]
0x72
0x01
DLL_Locked
DLLDIV
M[4:0]
0x75
0x00
0
DLL_RESB
0
0x77
0x00
CONV_TIME[1:0]
Unused
AUXADC_CH[2:0]
0x78
Varies
AUXADC[11:4]
0x79
Varies
AUXADC[3:0]
CONV_COMPL
CHAN_SEL[2:0]
0x7A
0x00
AUXADC_EN
AUXADC_RESB
Unused
AUXDIV[2:0]
0x7B
0x00
TMPSNS_EN
Unused
AUXREF_ADJ[2:0]
Unused
0x7D
0x00
Unused
RX_FSADJ[4:0]
0x7E
0x00
Unused
RXTrim_EN
RXTrim_Fine
AUXCML_EN
0
RX_DC
0x7F
0x00
RXI_Trim[9:2]
0x80
0x00
Unused
RXI_Trim[1:0]
GAINCAL_
ENI
0x81
0x00
RXQ_Trim[9:2]
0x82
0x00
Unused
RXQ_Trim[1:0]
GAINCAL_
ENQ
0xFF
0x00
Unused
Update
CONFIGURATION REGISTER BIT DESCRIPTIONS
Table 15.
Register Name
Register
Address
Bit(s)
Parameter
Function
Serial Port Config
0x00
7, 0
SDIO
0: use SDIO as both input and output data
1: use SDIO pin as input data only
6, 1
LSB_First
0: first bit of serial data is MSB of data byte.
1: first bit of serial data is LSB of data byte.
5, 2
RESET
A transition from 0 to 1 on this bit resets the device. All registers but
Register 0x00 revert to their default values.
ADC Address
0x05
1:0
ADDRQ, ADDRI
Bits are set to determine which device on chip receives ADC specific
write commands. ADC specific write commends include writes to
Registers 0x0F and Register 0x10. These writes also require a rising end
on the Update bit (Register 0xFF, Bit 0).
00: no ADCs are addressed.
01: I ADC is addressed.
10: Q ADC is addressed
11: both I and Q ADCs are addressed.
CM Buffer Enable
0x0F
1
RXCML
Enable control for the RXCML output buffer.
Note that updating this bit also requires writing to Register 0x05 and
Register 0xFF as described in the Sub Serial Interface Communications
section.
0: RXCML pin is high impedance.
1: RXCML pin is a low impedance 1.4 V output.
ADC Offset
0x10
5:0
ADC_OFFSET[5:0]
Adds a dc offset to the ADC output of whichever ADC is addressed by
Register 0x05. The offset applied is as follows:
011111: offset = +31 LSBs
…
000001: offset = +1 LSB
000000: offset = 0 LSB
111111: offset = −1 LSB
…
100000: offset = −32 LSBs
Digital Filters
0x30
7:6
Unused
5
DEC_BP
1: bypass 2× decimator in Rx path (D0).
4
INT1_BP
1: bypass 2× Half-Band Interpolation Filter 1 (INT1).
3
INT0_BP
1: bypass 2× Half-Band Interpolation Filter 0 (INT0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com