Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7980 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L7980
Description  2 A step-down switching regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7980 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L7980 Datasheet HTML 7Page - STMicroelectronics L7980 Datasheet HTML 8Page - STMicroelectronics L7980 Datasheet HTML 9Page - STMicroelectronics L7980 Datasheet HTML 10Page - STMicroelectronics L7980 Datasheet HTML 11Page - STMicroelectronics L7980 Datasheet HTML 12Page - STMicroelectronics L7980 Datasheet HTML 13Page - STMicroelectronics L7980 Datasheet HTML 14Page - STMicroelectronics L7980 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
L7980
Functional description
Doc ID 15181 Rev 4
11/44
5.2
Soft-start
The soft-start is essential to assure correct and safe start up of the step-down converter. It
avoids inrush current surge and makes the output voltage increases monothonically.
The soft -start is performed by a staircase ramp on the non-inverting input (VREF) of the
error amplifier. So the output voltage slew rate is:
Equation 1
where SRVREF is the slew rate of the non-inverting input, while R1and R2 is the resistor
divider to regulate the output voltage (see Figure 7). The soft-start stair case consists of 64
steps of 9.5 mV each one, from 0 V to 0.6 V. The time base of one step is of 32 clock cycles.
So the soft start time and then the output voltage slew rate depend on the switching
frequency.
Figure 7.
Soft start scheme
Soft start time results:
Equation 2
For example with a switching frequency of 250 kHz the SSTIME is 8 ms.
5.3
Error amplifier and compensation
The error amplifier (E/A) provides the error signal to be compared with the sawtooth to
perform the pulse width modulation. Its non-inverting input is internally connected to a 0.6 V
voltage reference, while its inverting input (FB) and output (COMP) are externally available
for feedback and frequency compensation. In this device the error amplifier is a voltage
mode operational amplifier so with high DC gain and low output impedance.
The uncompensated error amplifier characteristics are the following:
SR
OUT
SR
VREF
1
R1
R2
--------
+
⎝⎠
⎛⎞
⋅
=
SS
TIME
32 64
⋅
Fsw
-----------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com