Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7980 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L7980
Description  2 A step-down switching regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7980 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L7980 Datasheet HTML 8Page - STMicroelectronics L7980 Datasheet HTML 9Page - STMicroelectronics L7980 Datasheet HTML 10Page - STMicroelectronics L7980 Datasheet HTML 11Page - STMicroelectronics L7980 Datasheet HTML 12Page - STMicroelectronics L7980 Datasheet HTML 13Page - STMicroelectronics L7980 Datasheet HTML 14Page - STMicroelectronics L7980 Datasheet HTML 15Page - STMicroelectronics L7980 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
Functional description
L7980
12/44
Doc ID 15181 Rev 4
In continuos conduction mode (CCM), the transfer function of the power section has two
poles due to the LC filter and one zero due to the ESR of the output capacitor. Different
kinds of compensation networks can be used depending on the ESR value of the output
capacitor. In case the zero introduced by the output capacitor helps to compensate the
double pole of the LC filter a type II compensation network can be used. Otherwise, a type
III compensation network has to be used (see Chapter 6.4 for details about the
compensation network selection).
Anyway the methodology to compensate the loop is to introduce zeros to obtain a safe
phase margin.
Table 5.
Uncompensated error amplifier characteristics
Low frequency gain
100dB
GBWP
4.5MHz
Slew rate
7V/
μs
Output voltage swing
0 to 3.3V
Maximum source/sink current
17mA/25mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com