Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7980 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L7980
Description  2 A step-down switching regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7980 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L7980 Datasheet HTML 34Page - STMicroelectronics L7980 Datasheet HTML 35Page - STMicroelectronics L7980 Datasheet HTML 36Page - STMicroelectronics L7980 Datasheet HTML 37Page - STMicroelectronics L7980 Datasheet HTML 38Page - STMicroelectronics L7980 Datasheet HTML 39Page - STMicroelectronics L7980 Datasheet HTML 40Page - STMicroelectronics L7980 Datasheet HTML 41Page - STMicroelectronics L7980 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
Application ideas
L7980
38/44
Doc ID 15181 Rev 4
As in the positive one, in the inverting buck-boost the current flowing through the power
MOSFET is transferred to the load only during the OFF time. So according to the maximum
DC switch current (2.0 A), the maximum output current can be calculated from the Equation
35, where the duty cycle is given by Equation 39.
Figure 35.
Inverting buck-boost regulator
The GND pin of the device is connected to the output voltage so, given the output voltage,
input voltage range is limited by the maximum voltage the device can withstand across VCC
and GND (28 V). Thus if the output is -5 V the input voltage can range from 4.5 V to 23 V.
As in the positive buck-boost, the maximum output current according to application
conditions is shown in Figure 36. The dashed line considers a more accurate estimation of
the duty cycles given by Equation 40, where power losses across diodes and internal power
MOSFET are taken into account.
Equation 40
Figure 36.
Maximum output current according to max DC switch current (2.0 A):
VO=-5 V
D
V
OUT
V
D
–
V
–
IN
V
SW
V
OUT
V
D
–
+
–
-----------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com