Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7980 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L7980
Description  2 A step-down switching regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7980 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L7980 Datasheet HTML 9Page - STMicroelectronics L7980 Datasheet HTML 10Page - STMicroelectronics L7980 Datasheet HTML 11Page - STMicroelectronics L7980 Datasheet HTML 12Page - STMicroelectronics L7980 Datasheet HTML 13Page - STMicroelectronics L7980 Datasheet HTML 14Page - STMicroelectronics L7980 Datasheet HTML 15Page - STMicroelectronics L7980 Datasheet HTML 16Page - STMicroelectronics L7980 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
L7980
Functional description
Doc ID 15181 Rev 4
13/44
5.4
Overcurrent protection
The L7980 implements the overcurrent protection sensing current flowing through the power
MOSFET. Due to the noise created by the switching activity of the power MOSFET, the
current sensing is disabled during the initial phase of the conduction time. This avoids an
erroneous detection of a fault condition. This interval is generally known as “masking time”
or “blanking time”. The masking time is about 200 ns.
When the overcurrent is detected, two different behaviors are possible depending on the
operating condition.
1.
Output voltage in regulation. When the overcurrent is sensed, the power MOSFET is
switched off and the internal reference (VREF), that biases the non-inverting input of the
error amplifier, is set to zero and kept in this condition for a soft start time (TSS, 2048
clock cycles). After this time, a new soft start phase takes place and the internal
reference begins ramping (see Figure 8.a).
2.
Soft start phase. If the overcurrent limit is reached the power MOSFET is turned off
implementing the pulse by pulse overcurrent protection. During the soft start phase,
under overcurrent condition, the device can skip pulses in order to keep the output
current constant and equal to the current limit. If at the end of the “masking time” the
current is higher than the overcurrent threshold, the power MOSFET is turned off and it
will skip one pulse. If, at the next switching on at the end of the “masking time” the
current is still higher than the threshold, the device will skip two pulses. This
mechanism is repeated and the device can skip up to seven pulses. While, if at the end
of the “masking time” the current is lower than the overcurrent threshold, the number of
skipped cycles is decreased of one unit. At the end of soft start phase the output
voltage is in regulation and if the overcurrent persists the behavior explained above
takes place. (see Figure 8.b)
So the overcurrent protection can be summarized as an “hiccup” intervention when the
output is in regulation and a constant current during the soft start phase. If the output is
shorted to ground when the output voltage is on regulation, the overcurrent is triggered and
the device starts cycling with a period of 2048 clock cycles between “hiccup” (power
MOSFET off and no current to the load) and “constant current” with very short on-time and
with reduced switching frequency (up to one eighth of normal switching frequency). See
Figure 32. for short circuit behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com