Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7980 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L7980
Description  2 A step-down switching regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7980 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L7980 Datasheet HTML 11Page - STMicroelectronics L7980 Datasheet HTML 12Page - STMicroelectronics L7980 Datasheet HTML 13Page - STMicroelectronics L7980 Datasheet HTML 14Page - STMicroelectronics L7980 Datasheet HTML 15Page - STMicroelectronics L7980 Datasheet HTML 16Page - STMicroelectronics L7980 Datasheet HTML 17Page - STMicroelectronics L7980 Datasheet HTML 18Page - STMicroelectronics L7980 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
L7980
Application informations
Doc ID 15181 Rev 4
15/44
6
Application informations
6.1
Input capacitor selection
The capacitor connected to the input has to be capable to support the maximum input
operating voltage and the maximum RMS input current required by the device. The input
capacitor is subject to a pulsed current, the RMS value of which is dissipated over its ESR,
affecting the overall system efficiency.
So the input capacitor must have a RMS current rating higher than the maximum RMS input
current and an ESR value compliant with the expected efficiency.
The maximum RMS input current flowing through the capacitor can be calculated as:
Equation 3
Where Io is the maximum DC output current, D is the duty cycle,
η is the efficiency.
Considering
η=1, this function has a maximum at D=0.5 and it is equal to Io/2.
In a specific application the range of possible duty cycles has to be considered in order to
find out the maximum RMS input current. The maximum and minimum duty cycles can be
calculated as:
Equation 4
and
Equation 5
Where VF is the forward voltage on the freewheeling diode and VSW is voltage drop across
the internal PDMOS.
The peak to peak voltage across the input capacitor can be calculated as:
Equation 6
where ESR is the equivalent series resistance of the capacitor.
I
RMS
I
O
D
2D
2
⋅
η
---------------
–
D
2
η
2
-------
+
⋅
=
D
MAX
V
OUT
V
F
+
V
INMIN
V
SW
–
-------------------------------------
=
D
MIN
V
OUT
V
F
+
V
INMAX
V
SW
–
--------------------------------------
=
V
PP
I
O
C
IN
F
SW
⋅
-------------------------
1
D
η
----
–
⎝⎠
⎛⎞
D
D
η
----
1D
–
()
⋅
+
⋅
ESR I
O
⋅
+
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com