Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68000PM/AD Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # M68000PM/AD
Description  MC68360 QUad Integrated Communication Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68000PM/AD Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  M68000PM/AD Datasheet HTML 1Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 2Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 3Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 4Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 5Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 6Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 7Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 8Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
• Four SCCs
— Ethernet/IEEE 802.3 Optional on SCC1 (Full 10-Mbps Support) (Available only on the
MC68EN360)
— HDLC/SDLC
™ (All Four Channels Supported at 2 Mbps)
— HDLC Bus (Implements an HDLC-Based Local Area Network (LAN))
— AppleTalk®
— Signaling System #7
— Universal Asynchronous Receiver Transmitter (UART)
— Synchronous UART
— Binary Synchronous Communication (BISYNC)
— Totally Transparent (Bit Streams)
— Totally Transparent (Frame Based with Optional Cyclic Redundancy Check (CRC))
— Profibus (RAM Microcode Option)
— Asynchronous HDLC (RAM Microcode Option) to Support PPP (Point to Point Protocol)
— DDCMP
™ (RAM Microcode Option)
— V.14 (RAM Microcode Option)
— X.21 (RAM Microcode Option)
• Two SMCs
— UART
— Transparent
— General Circuit Interface (GCI) Controller
— Can Be Connected to the Time-Division Multiplexed (TDM) Channels
• One SPI
— Superset of the MC68302 SCP
— Supports Master and Slave Modes
— Supports Multimaster Operation on the Same Bus
• Time-Slot Assigner
• Supports Two TDM Channels
— Each TDM Channel Can Be T1, CEPT, PCM Highway, ISDN Basic Rate,
ISDN Primary Rate, User Defined
— 1- or 8-Bit Resolution
— Allows Independent Transmit and Receive Routing, Frame Syncs, Clocking
— Allows Dynamic Changes
— Can Be internally Connected to Six Serial Channels (Four SCCs and
Two SMCs)
• Parallel Interface Port
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com