Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68000PM/AD Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # M68000PM/AD
Description  MC68360 QUad Integrated Communication Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68000PM/AD Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  M68000PM/AD Datasheet HTML 1Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 2Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 3Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 4Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 5Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 6Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 7Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 8Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Memory (SRAM), Electrically Programmable Read-Only Memory (EPROM), Flash EPROM, etc.
— Four CAS lines, Four WE lines, One OE line
— Boot Chip Select Available at Reset (Options for 8-, 16-, or 32-Bit Memory)
— Special Features for MC68040 Including Burst Mode Support
• Four General-Purpose Timers
— Superset of MC68302 Timers
— Four 16-Bit Timers or Two 32-Bit Timers
— Gate Mode Can Enable/Disable Counting
• Two Independent DMAs (IDMAs)
— Single Address Mode for Fastest Transfers
— Buffer Chaining and Auto Buffer Modes
— Automatically Performs Efficient Packing
— 32-Bit Internal and External Transfers
• System Integration Module (SIM60)
— Bus Monitor
— Double Bus Fault Monitor
— Spurious Interrupt Monitor
— Software Watchdog
— Periodic Interrupt Timer
— Low Power Stop Mode
— Clock Synthesizer
— Breakpoint Logic Provides On-Chip Hardware Breakpoints
— External Masters May Use On-Chip Features Such As Chip Selects
— On-Chip Bus Arbitration with No Overhead for Internal Masters
— IEEE 1149.1 Test Access Port
• Interrupts
— Seven External IRQ Lines
— 12 Port Pins with Interrupt Capability
— 16 Internal Interrupt Sources
— Programmable Priority Between SCCs
— Programmable Highest Priority Request
• Communications Processor Module (CPM)
— RISC Controller
— Many New Commands (e.g., Graceful Stop Transmit, Close RxBD)
— 224 Buffer Descriptors
— Supports Continuous Mode Transmission and Reception on All Serial Channels
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com