Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68000PM/AD Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # M68000PM/AD
Description  MC68360 QUad Integrated Communication Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68000PM/AD Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button M68000PM/AD Datasheet HTML 6Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 7Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 8Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 9Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 10Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 11Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 12Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 13Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 14Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
QUICC
MASTER
QUICC
SLAVE
CPU32+
QUICC SYSTEM BUS
SCC
SCC
SCC
SCC
SMC
SMC
SPI
SCC
SCC
SCC
SCC
SMC
SMC
SPI
CPU32+
Figure 8. Master-Slave QUICC Implementation
The QUICC has special features in slave mode to support the M68040 family. When the QUICC is used in
this way, it is said to be in MC68040 companion mode. Figure 9 shows how a QUICC in slave mode can
interface to a MC68EC040. (The MC68EC040 is a low-cost version of the MC68040 with identical integer
performance, but without the memory management unit (MMU) and the floating-point unit (FPU).) The DRAM
controller on the QUICC will control the accesses of the MC68EC040 (including the burst modes). This
configuration does require external address mutiplexers, but the QUICC controls the multiplexers. The
QUICC supports the MC68EC040 in other ways, such as interrupt handling and system protection features.
When it is in slave mode, the QUICC can also be interfaced to any MC68030-type bus master instead of the
MC68EC040.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com