Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68000PM/AD Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # M68000PM/AD
Description  MC68360 QUad Integrated Communication Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68000PM/AD Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button M68000PM/AD Datasheet HTML 6Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 7Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 8Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 9Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 10Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 11Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 12Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 13Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 14Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
The following table identifies the packages and operating frequencies available for the MC68360.
MC68360 Package/Frequency Availability
Package Type
Frequency (MHz)
Temperature
Order Number
Quad Flat Pack (EM Suffix)
Quad Flat Pack (EM Suffix)
Quad Flat Pack with Ethernet
Quad Flat Pack with Ethernet
0–25
0–25
0–25
0–25
0
°C to 70°C
–40
°C to +85°C
0
°C to 70°C
–40
°C to +85°C
MC68360EM25
TBD
MC68EN360EM25
TBD
Pin Grid Array (RC Suffix)
Pin Grid Array (RC Suffix)
Pin Grid Array with Ethernet
Pin Grid Array with Ethernet
0–25
0–25
0–25
0–25
0
°C to 70°C
–40
°C to +85°C
0
°C to 70°C
–40
°C to +85°C
MC68360RC25
TBD
MC68EN360RC25
TBD
The documents listed in the following table contain detailed information on the MC68360. These
documents may be obtained from the Literature Distribution Centers at the addresses listed at the bottom of
this page.
Documentation
Document Title
Order Number
Contents
MC68360 User's Manual
MC68360UM/AD
Detailed Information for Design
M68000 Family Programmer's Reference Manual
M68000PM/AD
M68000 Family Instruction Set
The 68K Source
BR729/D
Independent Vendor Listing Supporting
Software and Development Tools
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
Information in this document is provided solely to enable system and software
implementers to use Freescale Semiconductor products. There are no express or
implied copyright licenses granted hereunder to design or fabricate any integrated
circuits or integrated circuits based on the information in this document.
Freescale Semiconductor reserves the right to make changes without further notice to
any products herein. Freescale Semiconductor makes no warranty, representation or
guarantee regarding the suitability of its products for any particular purpose, nor does
Freescale Semiconductor assume any liability arising out of the application or use of
any product or circuit, and specifically disclaims any and all liability, including without
limitation consequential or incidental damages. “Typical” parameters which may be
provided in Freescale Semiconductor data sheets and/or specifications can and do
vary in different applications and actual performance may vary over time. All operating
parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. Freescale Semiconductor does not convey any license
under its patent rights nor the rights of others. Freescale Semiconductor products are
not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life,
or for any other application in which the failure of the Freescale Semiconductor product
could create a situation where personal injury or death may occur. Should Buyer
purchase or use Freescale Semiconductor products for any such unintended or
unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all
claims, costs, damages, and expenses, and reasonable attorney fees arising out of,
directly or indirectly, any claim of personal injury or death associated with such
unintended or unauthorized use, even if such claim alleges that Freescale
Semiconductor was negligent regarding the design or manufacture of the part.
Information in this document is provided solely to enable system and software
implementers to use Freescale Semiconductor products. There are no express or
implied copyright licenses granted hereunder to design or fabricate any integrated
circuits or integrated circuits based on the information in this document.
Freescale Semiconductor reserves the right to make changes without further notice to
any products herein. Freescale Semiconductor makes no warranty, representation or
guarantee regarding the suitability of its products for any particular purpose, nor does
Freescale Semiconductor assume any liability arising out of the application or use of
any product or circuit, and specifically disclaims any and all liability, including without
limitation consequential or incidental damages. “Typical” parameters which may be
provided in Freescale Semiconductor data sheets and/or specifications can and do
vary in different applications and actual performance may vary over time. All operating
parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. Freescale Semiconductor does not convey any license
under its patent rights nor the rights of others. Freescale Semiconductor products are
not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life,
or for any other application in which the failure of the Freescale Semiconductor product
could create a situation where personal injury or death may occur. Should Buyer
purchase or use Freescale Semiconductor products for any such unintended or
unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all
claims, costs, damages, and expenses, and reasonable attorney fees arising out of,
directly or indirectly, any claim of personal injury or death associated with such
unintended or unauthorized use, even if such claim alleges that Freescale
Semiconductor was negligent regarding the design or manufacture of the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com