Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68000PM/AD Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # M68000PM/AD
Description  MC68360 QUad Integrated Communication Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68000PM/AD Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button M68000PM/AD Datasheet HTML 3Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 4Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 5Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 6Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 7Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 8Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 9Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 10Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
offers many more functions than even a 240-pin package would normally allow, resulting in more
multifunctional pins than the MC68302.
Software Compatibility Issues
The following list summarizes the major software differences between the MC68302 and the QUICC:
• Since the CPU32+ is a superset of the M68000 instruction set, all previously written code will run.
However, if such code is accessing the MC68302 peripherals, it will require some modification.
• The QUICC contains an 8-Kbyte block of memory as opposed to a 4-Kbyte block
on the MC68302. The register addresses within that memory map are different.
• The code used to initialize the system integration features of the MC68302 has
to be modified to write the corresponding features on the QUICC SIM60. Code written for the
MC68340 may be adapted in large part.
• As much as possible, QUICC CPM features were made identical to those of the MC68302 CP. The
most important benefit is that the code flow (if not the code itself) will port easily from the MC68302 to
the QUICC. The nuances learned from the MC68302 will still be useful in the QUICC.
• Although the registers used to initialize the QUICC CPM are new (for example, the SCM on the
MC68302 is replaced with the GSMR and PSMR on the QUICC), most registers retain their original
purpose such as the SCC event, SCC mask, SCC status, and command registers. The parameter RAM
of the SCCs is very similar, and most parameter RAM register names and usage are retained. More
importantly, the basic structure of a buffer descriptor (BD) on the QUICC is identical to that of the
MC68302, except for a few new bit functions that were added. (In a few cases, a bit in a BD status word
had to be shifted.)
• When porting code from the MC68302 CP to the QUICC CPM, the software writer may find that the
QUICC has new options to simplify what used to be a more code-intensive process. For specific
examples, see the INIT TX AND RX PARAMETERS, GRACEFUL STOP TRANSMIT, and CLOSE BD
commands.
QUICC GLUELESS SYSTEM DESIGN
A fundamental design goal of the QUICC was ease of interface to other system components. An example of
this goal is a minimal QUICC design using EPROM and DRAM, shown in Figure 2. This system interfaces
gluelessly to an EPROM and a DRAM SIMM module. It also offers parity support for the DRAM.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com