Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525ESOSQTP Datasheet(PDF) 234 Page - Microchip Technology

Part # PIC18F2525ESOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ESOSQTP Datasheet(HTML) 234 Page - Microchip Technology

Back Button PIC18F2525ESOSQTP Datasheet HTML 230Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 231Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 232Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 233Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 234Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 235Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 236Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 237Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 238Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 232
© 2008 Microchip Technology Inc.
19.8
Use of the CCP2 Trigger
An A/D conversion can be started by the Special Event
Trigger of the CCP2 module. This requires that the
CCP2M3:CCP2M0
bits
(CCP2CON<3:0>)
be
programmed as ‘1011’ and that the A/D module is
enabled (ADON bit is set). When the trigger occurs, the
GO/DONE bit will be set, starting the A/D acquisition
and conversion and the Timer1 (or Timer3) counter will
be reset to zero. Timer1 (or Timer3) is reset to automat-
ically repeat the A/D acquisition period with minimal
software overhead (moving ADRESH:ADRESL to the
desired
location).
The
appropriate
analog
input
channel must be selected and the minimum acquisition
period is either timed by the user, or an appropriate
TACQ time selected before the Special Event Trigger
sets the GO/DONE bit (starts a conversion).
If the A/D module is not enabled (ADON is cleared), the
Special Event Trigger will be ignored by the A/D module
but will still reset the Timer1 (or Timer3) counter.
TABLE 19-2:
REGISTERS ASSOCIATED WITH A/D OPERATION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
49
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
52
PIE1
PSPIE(1)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
52
IPR1
PSPIP(1)
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
52
PIR2
OSCFIF
CMIF
—
EEIF
BCLIF
HLVDIF
TMR3IF
CCP2IF
52
PIE2
OSCFIE
CMIE
—
EEIE
BCLIE
HLVDIE
TMR3IE
CCP2IE
52
IPR2
OSCFIP
CMIP
—
EEIP
BCLIP
HLVDIP
TMR3IP
CCP2IP
52
ADRESH
A/D Result Register High Byte
51
ADRESL
A/D Result Register Low Byte
51
ADCON0
—
—
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
51
ADCON1
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
51
ADCON2
ADFM
—
ACQT2
ACQT1
ACQT0
ADCS2
ADCS1
ADCS0
51
PORTA
RA7(1)
RA6(1)
RA5
RA4
RA3
RA2
RA1
RA0
52
TRISA
TRISA7(2) TRISA6(2) PORTA Data Direction Control Register
52
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
52
TRISB
PORTB Data Direction Control Register
52
LATB
PORTB Data Latch Register (Read and Write to Data Latch)
52
PORTE(4)
—
—
—
—RE3(3)
RE2
RE1
RE0
52
TRISE(4)
IBF
OBF
IBOV
PSPMODE
—
TRISE2
TRISE1
TRISE0
52
LATE(4)
—
—
—
—
—
PORTE Data Latch Register
52
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used for A/D conversion.
Note 1:
These bits are unimplemented on 28-pin devices; always maintain these bits clear.
2:
PORTA<7:6> and their direction bits are individually configured as port pins based on various primary
oscillator modes. When disabled, these bits read as ‘0’.
3:
RE3 port bit is available only as an input pin when the MCLRE Configuration bit is ‘0’.
4:
These registers are not implemented on 28-pin devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com