Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525ESOSQTP Datasheet(PDF) 235 Page - Microchip Technology

Part # PIC18F2525ESOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ESOSQTP Datasheet(HTML) 235 Page - Microchip Technology

Back Button PIC18F2525ESOSQTP Datasheet HTML 231Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 232Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 233Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 234Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 235Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 236Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 237Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 238Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 239Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 233
PIC18F2525/2620/4525/4620
20.0
COMPARATOR MODULE
The
analog
comparator
module
contains
two
comparators that can be configured in a variety of
ways. The inputs can be selected from the analog
inputs multiplexed with pins RA0 through RA5, as well
as the on-chip voltage reference (see Section 21.0
“Comparator Voltage Reference Module”). The digi-
tal outputs (normal or inverted) are available at the pin
level and can also be read through the control register.
The CMCON register (Register 20-1) selects the
comparator input and output configuration. Block
diagrams of the various comparator configurations are
shown in Figure 20-1.
REGISTER 20-1:
CMCON: COMPARATOR CONTROL REGISTER
R-0
R-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
C2OUT: Comparator 2 Output bit
When C2INV = 0:
1
= C2 VIN+ > C2 VIN-
0
= C2 VIN+ < C2 VIN-
When C2INV = 1:
1
= C2 VIN+ < C2 VIN-
0
= C2 VIN+ > C2 VIN-
bit 6
C1OUT: Comparator 1 Output bit
When C1INV = 0:
1
= C1 VIN+ > C1 VIN-
0
= C1 VIN+ < C1 VIN-
When C1INV = 1:
1
= C1 VIN+ < C1 VIN-
0
= C1 VIN+ > C1 VIN-
bit 5
C2INV: Comparator 2 Output Inversion bit
1
= C2 output inverted
0
= C2 output not inverted
bit 4
C1INV: Comparator 1 Output Inversion bit
1
= C1 output inverted
0
= C1 output not inverted
bit 3
CIS: Comparator Input Switch bit
When CM2:CM0 = 110:
1
=C1 VIN- connects to RA3/AN3/VREF+
C2 VIN- connects to RA2/AN2/VREF-/CVREF
0
=C1 VIN- connects to RA0/AN0
C2 VIN- connects to RA1/AN1
bit 2-0
CM2:CM0: Comparator Mode bits
Figure 20-1 shows the Comparator modes and the CM2:CM0 bit settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com