Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525ESOSQTP Datasheet(PDF) 304 Page - Microchip Technology

Part # PIC18F2525ESOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ESOSQTP Datasheet(HTML) 304 Page - Microchip Technology

Back Button PIC18F2525ESOSQTP Datasheet HTML 300Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 301Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 302Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 303Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 304Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 305Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 306Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 307Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 308Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 302
© 2008 Microchip Technology Inc.
SLEEP
Enter Sleep mode
Syntax:
SLEEP
Operands:
None
Operation:
00h
→ WDT,
0
→ WDT postscaler,
1
→ TO,
0
→ PD
Status Affected:
TO, PD
Encoding:
0000
0000
0000
0011
Description:
The Power-Down status bit (PD) is
cleared. The Time-out status bit (TO)
is set. Watchdog Timer and its
postscaler are cleared.
The processor is put into Sleep mode
with the oscillator stopped.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
No
operation
Process
Data
Go to
Sleep
Example:
SLEEP
Before Instruction
TO =?
PD =?
After Instruction
TO =1†
PD =0
† If WDT causes wake-up, this bit is cleared.
SUBFWB
Subtract f from W with Borrow
Syntax:
SUBFWB
f {,d {,a}}
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
a
∈ [0,1]
Operation:
(W) – (f) – (C)
→ dest
Status Affected:
N, OV, C, DC, Z
Encoding:
0101
01da
ffff
ffff
Description:
Subtract register ‘f’ and Carry flag
(borrow) from W (2’s complement
method). If ‘d’ is ‘0’, the result is stored
in W. If ‘d’ is ‘1’, the result is stored in
register ‘f’ (default).
If ‘a’ is ‘0’, the Access Bank is
selected. If ‘a’ is ‘1’, the BSR is used
to select the GPR bank.
If ‘a’ is ‘0’ and the extended instruction
set is enabled, this instruction
operates in Indexed Literal Offset
Addressing mode whenever
f
≤ 95 (5Fh). See Section 24.2.3
“Byte-Oriented and Bit-Oriented
Instructions in Indexed Literal Offset
Mode” for details.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ‘f’
Process
Data
Write to
destination
Example 1:
SUBFWB
REG, 1, 0
Before Instruction
REG
=
3
W=
2
C=
1
After Instruction
REG
=
FF
W=
2
C=
0
Z=
0
N
=
1
; result is negative
Example 2:
SUBFWB
REG, 0, 0
Before Instruction
REG
=
2
W=
5
C=
1
After Instruction
REG
=
2
W=
3
C=
1
Z=
0
N
=
0
; result is positive
Example 3:
SUBFWB
REG, 1, 0
Before Instruction
REG
=
1
W=
2
C=
0
After Instruction
REG
=
0
W=
2
C=
1
Z
=
1
; result is zero
N=
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com