Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525ESOSQTP Datasheet(PDF) 305 Page - Microchip Technology

Part # PIC18F2525ESOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ESOSQTP Datasheet(HTML) 305 Page - Microchip Technology

Back Button PIC18F2525ESOSQTP Datasheet HTML 301Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 302Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 303Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 304Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 305Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 306Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 307Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 308Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 309Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 303
PIC18F2525/2620/4525/4620
SUBLW
Subtract W from Literal
Syntax:
SUBLW k
Operands:
0
≤ k ≤ 255
Operation:
k – (W)
→ W
Status Affected:
N, OV, C, DC, Z
Encoding:
0000
1000
kkkk
kkkk
Description
W is subtracted from the eight-bit
literal ‘k’. The result is placed in W.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
literal ‘k’
Process
Data
Write to W
Example 1:
SUBLW
02h
Before Instruction
W
=
01h
C=
?
After Instruction
W
=
01h
C
=
1
; result is positive
Z=
0
N=
0
Example 2:
SUBLW
02h
Before Instruction
W
=
02h
C=
?
After Instruction
W
=
00h
C
=
1
; result is zero
Z=
1
N=
0
Example 3:
SUBLW
02h
Before Instruction
W
=
03h
C=
?
After Instruction
W
=
FFh ; (2’s complement)
C
=
0
; result is negative
Z=
0
N=
1
SUBWF
Subtract W from f
Syntax:
SUBWF
f {,d {,a}}
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
a
∈ [0,1]
Operation:
(f) – (W)
→ dest
Status Affected:
N, OV, C, DC, Z
Encoding:
0101
11da
ffff
ffff
Description:
Subtract W from register ‘f’ (2’s
complement method). If ‘d’ is ‘0’, the
result is stored in W. If ‘d’ is ‘1’, the
result is stored back in register ‘f’
(default).
If ‘a’ is ‘0’, the Access Bank is
selected. If ‘a’ is ‘1’, the BSR is used
to select the GPR bank.
If ‘a’ is ‘0’ and the extended instruction
set is enabled, this instruction
operates in Indexed Literal Offset
Addressing mode whenever
f
≤ 95 (5Fh). See Section 24.2.3
“Byte-Oriented and Bit-Oriented
Instructions in Indexed Literal Offset
Mode” for details.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ‘f’
Process
Data
Write to
destination
Example 1:
SUBWF
REG, 1, 0
Before Instruction
REG
=
3
W=
2
C=
?
After Instruction
REG
=
1
W=
2
C
=
1
; result is positive
Z=
0
N=
0
Example 2:
SUBWF
REG, 0, 0
Before Instruction
REG
=
2
W=
2
C=
?
After Instruction
REG
=
2
W=
0
C=
1
; result is zero
Z=
1
N=
0
Example 3:
SUBWF
REG, 1, 0
Before Instruction
REG
=
1
W=
2
C=
?
After Instruction
REG
=
FFh ;(2’s complement)
W=
2
C
=
0
; result is negative
Z=
0
N=
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com