Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525ESOSQTP Datasheet(PDF) 337 Page - Microchip Technology

Part # PIC18F2525ESOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ESOSQTP Datasheet(HTML) 337 Page - Microchip Technology

Back Button PIC18F2525ESOSQTP Datasheet HTML 333Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 334Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 335Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 336Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 337Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 338Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 339Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 340Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 341Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 335
PIC18F2525/2620/4525/4620
26.3
DC Characteristics: PIC18F2525/2620/4525/4620 (Industrial)
PIC18LF2525/2620/4525/4620 (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
VIL
Input Low Voltage
I/O Ports:
D030
with TTL Buffer
VSS
0.15 VDD
VVDD < 4.5V
D030A
—
0.8
V
4.5V
≤ VDD ≤ 5.5V
D031
with Schmitt Trigger Buffer
VSS
0.2 VDD
V
D031A
RC3 and RC4
VSS
0.3 VDD
VI2C™ enabled
D031B
VSS
0.8
V
SMBus enabled
D032
MCLR
VSS
0.2 VDD
V
D033
OSC1
VSS
0.3 VDD
VHS, HSPLL modes
D033A
D033B
D034
OSC1
OSC1
T13CKI
VSS
VSS
VSS
0.2 VDD
0.3
0.3
V
V
V
RC, EC modes(1)
XT, LP modes
VIH
Input High Voltage
I/O Ports:
D040
with TTL Buffer
0.25 VDD + 0.8V
VDD
VVDD < 4.5V
D040A
2.0
VDD
V4.5V
≤ VDD ≤ 5.5V
D041
with Schmitt Trigger Buffer
0.8 VDD
VDD
V
D041A
RC3 and RC4
0.7 VDD
VDD
VI2C enabled
D041B
2.1
VDD
V
SMBus enabled
D042
MCLR
0.8 VDD
VDD
V
D043
OSC1
0.7 VDD
VDD
VHS, HSPLL modes
D043A
D043B
D043C
D044
OSC1
OSC1
OSC1
T13CKI
0.8 VDD
0.9 VDD
1.6
1.6
VDD
VDD
VDD
VDD
V
V
V
V
EC mode
RC mode(1)
XT, LP modes
IIL
Input Leakage Current(2,3)
D060
I/O Ports
—
±200
±50
nA
nA
VDD < 5.5V
VSS ≤ VPIN ≤ VDD,
Pin at high-impedance
VDD < 3V
VSS ≤ VPIN ≤ VDD,
Pin at high-impedance
D061
MCLR
—
±1
μAVss ≤ VPIN ≤ VDD
D063
OSC1
—
±1
μAVss ≤ VPIN ≤ VDD
IPU
Weak Pull-up Current
D070
IPURB
PORTB Weak Pull-up Current
50
400
μAVDD = 5V, VPIN = VSS
Note 1:
In RC oscillator configuration, the OSC1/CLKI pin is a Schmitt Trigger input. It is not recommended that the
PIC® device be driven with an external clock while in RC mode.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3:
Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com