Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525ESOSQTP Datasheet(PDF) 338 Page - Microchip Technology

Part # PIC18F2525ESOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ESOSQTP Datasheet(HTML) 338 Page - Microchip Technology

Back Button PIC18F2525ESOSQTP Datasheet HTML 334Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 335Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 336Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 337Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 338Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 339Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 340Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 341Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 342Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 336
© 2008 Microchip Technology Inc.
VOL
Output Low Voltage
D080
I/O Ports
—
0.6
V
IOL = 8.5 mA, VDD = 4.5V,
-40
°C to +85°C
D083
OSC2/CLKO
(RC, RCIO, EC, ECIO modes)
—0.6
V
IOL = 1.6 mA, VDD = 4.5V,
-40
°C to +85°C
VOH
Output High Voltage(3)
D090
I/O Ports
VDD – 0.7
—
V
IOH = -3.0 mA, VDD = 4.5V,
-40
°C to +85°C
D092
OSC2/CLKO
(RC, RCIO, EC, ECIO modes)
VDD – 0.7
—
V
IOH = -1.3 mA, VDD = 4.5V,
-40
°C to +85°C
Capacitive Loading Specs
on Output Pins
D100
COSC2 OSC2 pin
—
15
pF
In XT, HS and LP modes
when external clock is
used to drive OSC1
D101
CIO
All I/O pins and OSC2
(in RC mode)
—
50
pF
To meet the AC Timing
Specifications
D102
CB
SCL, SDA
—
400
pF
I2C™ Specification
26.3
DC Characteristics: PIC18F2525/2620/4525/4620 (Industrial)
PIC18LF2525/2620/4525/4620 (Industrial) (Continued)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
Note 1:
In RC oscillator configuration, the OSC1/CLKI pin is a Schmitt Trigger input. It is not recommended that the
PIC® device be driven with an external clock while in RC mode.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3:
Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com