Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548ECPXATHB Datasheet(PDF) 148 Page - Freescale Semiconductor, Inc

Part # MPC8548ECPXATHB
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECPXATHB Datasheet(HTML) 148 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECPXATHB Datasheet HTML 143Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 144Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 145Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 146Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 147Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 148Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 149Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 150Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 151Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 148 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
148
Freescale Semiconductor
Document Revision History
24 Document Revision History
The following table provides a revision history for this hardware specification.
Table 88. Document Revision History
Rev.
Number
Date
Substantive Change(s)
9
02/2012
• Updated Section 21.2, “Thermal for Version 2.1.1, 2.1.2, and 2.1.3 Silicon FC-PBGA with Full Lid and
Version 3.1.x Silicon with Stamped Lid,” with version 3.0 silicon information.
• Added Figure 56, “Mechanical Dimensions and Bottom Surface Nomenclature of the FC-PBGA with
Stamped Lid.”
• Updated Table 87, “Part Numbering Nomenclature,” with version 3.0 silicon information.
• Removed Note from Section 5.1, “Power-On Ramp Rate”.
• Changed the Table 10 title to “Power Supply Ramp Rate”.
• Removed table 11.
• Updated the title of Section 21.2, “Thermal for Version 2.1.1, 2.1.2, and 2.1.3 Silicon FC-PBGA with
Full Lid and Version 3.1.x Silicon with Stamped Lid” to include Thermal Version 2.1.3 and Version 3.1.x
Silicon.
• Corrected the leaded Solder Ball composition in Table 70, “Package Parameters”
• Updated Table 87, “Part Numbering Nomenclature,” with Version 3.1.x silicon information.
• Updated the Min and Max value of TDO in the valid times row of Table 44, “JTAG AC Timing
Specifications (Independent of SYSCLK)1” from 4 and 25 to 2 and 10 respectively .
8
04/2011
• Added Section 14.1, “GPOUT/GPIN Electrical Characteristics.”
• Updated Table 71, “MPC8548E Pinout Listing,” Table 72, “MPC8547E Pinout Listing,” Table 73,
“MPC8545E Pinout Listing,” and Table 74, “MPC8543E Pinout Listing,” to reflect that the TDO signal
is not driven during HRSET* assertion.
• Updated Table 87, “Part Numbering Nomenclature” with Ver. 2.1.3 silicon information.
7
09/2010
• In Table 37, “MII Management AC Timing Specifications, modified the fifth row from “MDC to MDIO
delay tMDKHDX (16 × tptb_clk × 8) – 3 — (16 × tptb_clk × 8) + 3” to “MDC to MDIO delay tMDKHDX
(16 × tCCB × 8) – 3 — (16 × tCCB × 8) + 3.”
• Updated Figure 55, “Mechanical Dimensions and Bottom Surface Nomenclature of the HiCTE
FC-CBGA and FC-PBGA with Full Lid and figure notes.
6
12/2009
• In Section 5.1, “Power-On Ramp Rate” added explanation that Power-On Ramp Rate is required to
avoid falsely triggering ESD circuitry.
•In Table 13 changed required ramp rate from 545 V/s for MVREF and VDD/XVDD/SVDD to 3500 V/s
for MVREF and 4000 V/s for VDD.
•In Table 13 deleted ramp rate requirement for XVDD/SVDD.
•In Table 13 footnote 1 changed voltage range of concern from 0–400 mV to 20–500mV.
•In Table 13 added footnote 2 explaining that VDD voltage ramp rate is intended to control ramp rate of
AVDD pins.
5
10/2009
• In Table 27, “GMII Receive AC Timing Specifications,” changed duty cycle specification from 40/60 to
35/75 for RX_CLK duty cycle.
• Updated tMDKHDX in Table 37, “MII Management AC Timing Specifications.”
• Added a reference to Revision 2.1.2.
• Updated Table 55, “MII Management AC Timing Specifications.”
• Added Section 5.1, “Power-On Ramp Rate.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com