Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548ECPXATHB Datasheet(PDF) 149 Page - Freescale Semiconductor, Inc

Part # MPC8548ECPXATHB
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECPXATHB Datasheet(HTML) 149 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECPXATHB Datasheet HTML 143Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 144Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 145Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 146Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 147Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 148Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 149Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 150Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 151Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 149 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
Freescale Semiconductor
149
Document Revision History
4
04/2009
• In Table 1, “Absolute Maximum Ratings 1,” and in Table 2, “Recommended Operating Conditions,”
moved text, “MII management voltage” from LVDD/TVDD to OVDD, added “Ethernet management” to
OVDD row of input voltage section.
•In Table 5, “SYSCLK AC Timing Specifications,” added notes 7 and 8 to SYSCLK frequency and cycle
time.
•In Table 36, “MII Management DC Electrical Characteristics,” changed all instances of LVDD/OVDD to
OVDD.
• Modified Section 16, “High-Speed Serial Interfaces (HSSI),” to reflect that there is only one SerDes.
• Modified DDR clk rate min from 133 to 166 MHz.
• Modified note in Table 75, “Processor Core Clocking Specifications (MPC8548E and MPC8547E), “.”
•In Table 56, “Differential Transmitter (TX) Output Specifications,” modified equations in Comments
column, and changed all instances of “LO” to “L0.” Also added note 8.
•In Table 57, “Differential Receiver (RX) Input Specifications,” modified equations in Comments column,
and in note 3, changed “TRX-EYE-MEDIAN-to-MAX-JITTER,” to “TRX-EYE-MEDIAN-to-MAX-JITTER.”
• Modified Table 83, “Frequency Options of SYSCLK with Respect to Memory Bus Speeds.”
• Added a note on Section 4.1, “System Clock Timing,” to limit the SYSCLK to 100 MHz if the core
frequency is less than 1200 MHz
•In Table 71, “MPC8548E Pinout ListingTable 72, “MPC8547E Pinout ListingTable 73, “MPC8545E
Pinout ListingTable 74, “MPC8543E Pinout Listing,” added note 5 to LA[28:31].
• Added note to Table 83, “Frequency Options of SYSCLK with Respect to Memory Bus Speeds.”
3
01/2009
• [Section 4.6, “Platform Frequency Requirements for PCI-Express and Serial RapidIO.” Changed
minimum frequency equation to be 527 MHz for PCI x8.
•In Table 5, added note 7.
• Section 4.5, “Platform to FIFO Restrictions.” Changed platform clock frequency to 4.2.
• Section 8.1, “Enhanced Three-Speed Ethernet Controller (eTSEC)
(10/100/1Gb Mbps)—GMII/MII/TBI/RGMII/RTBI/RMII Electrical Characteristics.” Added MII after GMII
and add ‘or 2.5 V’ after 3.3 V.
•In Table 23, modified table title to include GMII, MII, RMII, and TBI.
•In Table 24 and Table 25, changed clock period minimum to 5.3.
•In Table 25, added a note.
•In Table 26, Table 27, Table 28, Table 29, and Table 30, removed subtitle from table title.
•In Table 30 and Figure 15, changed all instances of PMA to TSECn.
•In Section 8.2.5, “TBI Single-Clock Mode AC Specifications.” Replaced first paragraph.
•In Table 34, Table 35, Figure 18, and Figure 20, changed all instances of REF_CLK to
TSECn_TX_CLK.
•In Table 36, changed all instances of OVDD to LVDD/TVDD.
•In Table 37, “MII Management AC Timing Specifications,” changed MDC minimum clock pulse width
high from 32 to 48 ns.
• Added new section, Section 16, “High-Speed Serial Interfaces (HSSI).”
• Section 16.1, “DC Requirements for PCI Express SD_REF_CLK and SD_REF_CLK.” Added new
paragraph.
• Section 17.1, “DC Requirements for Serial RapidIO SD_REF_CLK and SD_REF_CLK.” Added new
paragraph.
• Added information to Figure 63, both in figure and in note.
• Section 22.3, “Decoupling Recommendations.” Modified the recommendation.
• Table 87, “Part Numbering Nomenclature.” In Silicon Version column added Ver. 2.1.2.
Table 88. Document Revision History (continued)
Rev.
Number
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com