Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5037ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP5037ACPZ-R7
Description  Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5037ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP5037ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADP5037
Data Sheet
Rev. D | Page 8 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
VIN1= VIN2 = VIN3= VIN4 = 3.6 V, TA = 25°C, unless otherwise noted.
0
20
40
60
80
100
120
140
2.3
2.8
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
Figure 3. System Quiescent Current vs. Input Voltage, VOUT1 = 3.3 V,
VOUT2 = 1.8 V, VOUT3 = 1.2 V, VOUT4 = 3.3 V, All Channels Unloaded
4
1
3
T
2
CH1 2.00V BW
CH4 5.00V BW
M 40.0µs
A CH3
2.2V
T 11.20%
CH2 50.0mA
Ω BW
CH3 5.00V BW
SW
IOUT
VOUT
EN
Figure 4. BUCK1 Startup, VOUT1 = 1.8 V, IOUT1 = 5 mA
4
1
3
T
2
CH1 2.00V
CH4 5.00V
M 40.0µs
A CH3
2.2V
T 11.20%
BW CH2
50.0mA Ω BW
BW
CH3 5.00V
BW
SW
IOUT
VOUT
EN
Figure 5. BUCK2 Startup, VOUT2 = 3.3 V, IOUT2 = 10 mA
3.310
3.270
3.275
3.280
3.285
3.290
3.295
3.300
3.305
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
IOUT (A)
–40°C
+25°C
+85°C
Figure 6. BUCK1 Load Regulation Across Temperature, VIN = 4.2 V,
VOUT1 = 3.3 V, Auto Mode
1.812
1.798
1.800
1.802
1.804
1.806
1.808
1.810
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
IOUT (A)
–40°C
+25°C
+85°C
Figure 7. BUCK2 Load Regulation Across Temperature, VIN = 3.6 V,
VOUT2 = 1.8 V, Auto Mode
0.808
0.802
0.803
0.804
0.805
0.806
0.807
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
IOUT (A)
–40°C
+25°C
+85°C
Figure 8. BUCK1 Load Regulation Across Input Voltage, VIN = 3.6 V,
VOUT1 = 0.8 V, PWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com