Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5037ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP5037ACPZ-R7
Description  Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5037ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP5037ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
ADP5037
Rev. D | Page 17 of 28
BUCK1 AND BUCK2
The buck uses a fixed frequency and high speed current mode
architecture. The buck operates with an input voltage of 2.3 V
to 5.5 V.
The buck output voltage is set through external resistor dividers,
shown in Figure 47 for BUCK1. The output voltage can optionally
be factory programmed to default values as indicated in the
Ordering Guide section. In this event, R1 and R2 are not needed,
and FB1 can be left unconnected. In all cases, VOUT1 must be
connected to the output capacitor. FB1 is 0.5 V.
BUCK
PGND1
FB1
SW1
R1
R2
VOUT1
VOUT1
VIN1
L1
1µH
C5
10µF
VOUT1 = VFB1
+ 1
R1
R2
Figure 47. BUCK1 External Output Voltage Setting
Control Scheme
The bucks operate with a fixed frequency, current mode PWM
control architecture at medium to high loads for high efficiency
but shift to a power save mode (PSM) control scheme at light
loads to lower the regulation power losses. When operating in
fixed frequency PWM mode, the duty cycle of the integrated
switches is adjusted and regulates the output voltage. When
operating in PSM at light loads, the output voltage is controlled
in a hysteretic manner, with higher output voltage ripple. During
part of this time, the converter is able to stop switching and
enters an idle mode, which improves conversion efficiency.
PWM Mode
In PWM mode, the bucks operate at a fixed frequency of 3 MHz
set by an internal oscillator. At the start of each oscillator cycle,
the pFET switch is turned on, sending a positive voltage across
the inductor. Current in the inductor increases until the current
sense signal crosses the peak inductor current threshold that
turns off the pFET switch and turns on the nFET synchronous
rectifier. This sends a negative voltage across the inductor,
causing the inductor current to decrease. The synchronous
rectifier stays on for the rest of the cycle. The buck regulates the
output voltage by adjusting the peak inductor current threshold.
Power Save Mode (PSM)
The bucks smoothly transition to PSM operation when the load
current decreases below the PSM current threshold. When either of
the bucks enters PSM, an offset is induced in the PWM regulation
level, which makes the output voltage rise. When the output voltage
reaches a level approximately 1.5% above the PWM regulation
level, PWM operation is turned off. At this point, both power
switches are off, and the buck enters an idle mode. The output
capacitor discharges until the output voltage falls to the PWM
regulation voltage, at which point the device drives the inductor
to make the output voltage rise again to the upper threshold.
This process is repeated while the load current is below the PSM
current threshold.
The ADP5037 has a dedicated MODE pin controlling the PSM
and PWM operation. A high logic level applied to the MODE
pin forces both bucks to operate in PWM mode. A logic level
low sets the bucks to operate in auto PSM/PWM.
PSM Current Threshold
The PSM current threshold is set to100 mA. The bucks employ
a scheme that enables this current to remain accurately controlled,
independent of input and output voltage levels. This scheme
also ensures that there is very little hysteresis between the PSM
current threshold for entry to and exit from the PSM. The PSM
current threshold is optimized for excellent efficiency over all
load currents.
Oscillator/Phasing of Inductor Switching
The ADP5037 ensures that both bucks operate at the same
switching frequency when both bucks are in PWM mode.
Additionally, the ADP5037 ensures that when both bucks are in
PWM mode, they operate out of phase, whereby the BUCK2 pFET
starts conducting exactly half a clock period after the BUCK1
pFET starts conducting.
Short-Circuit Protection
The bucks include frequency foldback to prevent output current
runaway on a hard short. When the voltage at the feedback pin falls
below half the target output voltage, indicating the possibility of
a hard short at the output, the switching frequency is reduced to
half the internal oscillator frequency. The reduction in the
switching frequency allows more time for the inductor to
discharge, preventing a runaway of output current.
Soft Start
The bucks have an internal soft start function that ramps the output
voltage in a controlled manner upon startup, thereby limiting
the inrush current. This prevents possible input voltage drops
when a battery or a high impedance power source is connected
to the input of the converter.
Current Limit
Each buck has protection circuitry to limit the amount of
positive current flowing through the pFET switch and the
amount of negative current flowing through the synchronous
rectifier. The positive current limit on the power switch limits
the amount of current that can flow from the input to the
output. The negative current limit prevents the inductor
current from reversing direction and flowing out of the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com