Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5037ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP5037ACPZ-R7
Description  Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5037ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP5037ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADP5037
Data Sheet
Rev. D | Page 12 of 28
4
2
T
1
CH1 50.0mV
B
W
CH4 5.00V BW
M 20.0µs A CH2
408mA
T 20.40%
CH2 200mA Ω BW
VOUT
IOUT
SW
Figure 27. BUCK1 Response to Load Transient, IOUT1 from 20 mA to 180 mA,
VOUT1 = 3.3 V, Auto Mode
4
2
T
1
CH1 100mV
B
W
CH4 5.00V BW
M 20.0µs A CH2
88.0mA
T 19.20%
CH2 200mA Ω BW
VOUT
IOUT
SW
Figure 28. BUCK2 Response to Load Transient, IOUT2 from 20 mA to 180 mA,
VOUT2 = 1.8 V, Auto Mode
4
1
3
T
2
CH1 5.00V BW
CH4 5.00V BW
M 400ns
A CH4
1.90V
T 50.00%
CH2 5.00V BW
CH3 5.00V BW
VOUT1
VOUT2
SW1
SW2
Figure 29. VOUT and SW Waveforms for BUCK1 and BUCK2 in PWM Mode
Showing Out-of-Phase Operation
CH1 100mA
CH3 1.00V
CH2 5.0V
M40.0µs 2.5GS/s
A CH2
4.20V
2
3
1
T
159.4µs
EN
VOUT
IIN
Figure 30. LDO Startup, VOUT3 = 1.8 V
3.304
3.303
3.302
3.301
3.300
3.299
3.298
3.297
3.296
3.295
3.294
0
0.1
0.2
0.3
IOUT (A)
VIN = 3.8V
VIN = 4.2V
VIN = 5.5V
Figure 31. LDO Load Regulation Across Input Voltage, VOUT3 = 3.3 V
0
50
100
150
200
250
300
350
400
2.3
2.8
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
+25°C
+125°C
–40°C
Figure 32. NMOS RDSON vs. Input Voltage Across Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com