Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5037ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP5037ACPZ-R7
Description  Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5037ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP5037ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
ADP5037
Data Sheet
Rev. D | Page 26 of 28
BILL OF MATERIALS
Table 13.
Reference
Value
Part Number
Vendor
Package or Dimension (mm)
CAVIN
0.1 µF, X5R, 6.3 V
JMK105BJ104MV-F
Taiyo-Yuden
0402
C3, C4, C7, C8
1 µF, X5R, 6.3 V
LMK105BJ105MV-F
Taiyo-Yuden
0402
C1, C2
4.7 µF, X5R, 6.3 V
ECJ-0EB0J475M
Panasonic-ECG
0402
C5, C6
10 µF, X5R, 6.3 V
JMK107BJ106MA-T
Taiyo-Yuden
0603
L1, L2
1 µH, 0.18 Ω, 850 mA
BRC1608T1R0M
Taiyo-Yuden
0603
1 µH, 0.085 Ω, 1400 mA
LQM2MPN1R0NG0B
Murata
2.0 × 1.6 × 0.9
1 µH, 0.059 Ω, 900 mA
EPL2014-102ML
Coilcraft
2.0 × 2.0 × 1.4
1 µH, 0.086 Ω, 1350 mA
MDT2520-CN
Toko
2.5 × 2.0 × 1.2
IC1
Four-regulator micro PMU
ADP5037
Analog Devices
24-lead LFCSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com