Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5037ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP5037ACPZ-R7
Description  Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5037ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP5037ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP5037ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
ADP5037
Rev. D | Page 25 of 28
TYPICAL APPLICATION SCHEMATICS
VIN1
VIN3
EN1
PWM
PSM/PWM
2.3V TO
5.5V
SW1
FB1
VOUT1
PGND1
MODE
C5
10µF
VOUT1 @
800mA
L1 1µH
EN1
BUCK1
MODE
C3
1µF
C2
4.7µF
C1
4.7µF
AVIN
CAVIN
0.1µF
C4
1µF
VIN2
EN2
AGND
EN2
BUCK2
MODE
EN3
1.7V TO
5.5V
VIN4
ON
OFF
ON
OFF
ON
OFF
EN3
LDO1
(ANALOG)
ADP5037
HOUSEKEEPING
SW2
FB2
R3
VOUT2
PGND2
C6
10µF
VOUT2 @
800mA
L2 1µH
FB3
VOUT3
C7
1µF
VOUT3 @
300mA
FB4
VOUT4
C8
1µF
VOUT4 @
300mA
EN4
LDO2
(DIGITAL)
Figure 52. ADP5037 Fixed Output Voltages with Enable Pins
VIN1
VIN3
EN1
PWM
PSM/PWM
2.3V TO
5.5V
SW1
FB1
R2
R1
VOUT1
PGND1
MODE
C5
10µF
VOUT1 @
800mA
L1 1µH
EN1
BUCK1
MODE
C3
1µF
C2
4.7µF
C1
4.7µF
AVIN
CAVIN
0.1µF
C4
1µF
VIN2
EN2
AGND
EN2
BUCK2
MODE
EN3
1.7V TO
5.5V
EN4
VIN4
ON
OFF
ON
OFF
ON
OFF
EN3
LDO1
(ANALOG)
ADP5037
HOUSEKEEPING
SW2
FB2
R4
R3
VOUT2
PGND2
C6
10µF
VOUT2 @
800mA
L2 1µH
FB3
R6
R5
VOUT3
C7
1µF
VOUT3 @
300mA
FB4
R8
R7
VOUT4
C8
1µF
VOUT4 @
300mA
EN4
LDO2
(DIGITAL)
Figure 53. ADP5037 Adjustable Output Voltages with Enable Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com