Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5232 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5232
Description  Nonvolatile Memory,Dual 256-Position Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5232 Datasheet(HTML) 1 Page - Analog Devices

  AD5232 Datasheet HTML 1Page - Analog Devices AD5232 Datasheet HTML 2Page - Analog Devices AD5232 Datasheet HTML 3Page - Analog Devices AD5232 Datasheet HTML 4Page - Analog Devices AD5232 Datasheet HTML 5Page - Analog Devices AD5232 Datasheet HTML 6Page - Analog Devices AD5232 Datasheet HTML 7Page - Analog Devices AD5232 Datasheet HTML 8Page - Analog Devices AD5232 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Nonvolatile Memory,
Dual 256-Position Digital Potentiometer
Data Sheet
AD5232
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2001–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Dual-channel, 256-position resolution
10 kΩ, 50 kΩ, and 100 kΩ nominal terminal resistance
Nonvolatile memory maintenance of wiper settings
Predefined linear increment/decrement instructions
Predefined ±6 dB step log taper increment/decrement
instructions
SPI-compatible serial interface
Wiper settings and EEMEM readback
3 V to 5 V single-supply operation
±2.5 V dual-supply operation
14 bytes of general-purpose user EEMEM
Permanent memory write protection
100-year typical data retention (TA = 55°C)
APPLICATIONS
Mechanical potentiometer replacement
Instrumentation: gain and offset adjustment
Programmable voltage-to-current conversion
Programmable filters, delays, and time constants
Programmable power supply
Low resolution DAC replacement
Sensor calibration
FUNCTIONAL BLOCK DIAGRAM
RDAC2
RDAC1
REGISTER
EEMEM1
RDAC2
REGISTER
EEMEM2
14 BYTES
USER
EEMEM
RDAC1
ADDR
DECODE
SERIAL
INTERFACE
POWER-ON
RESET
EEMEM
CONTROL
AD5232
VDD
VSS
GND
A1
W1
B1
A2
W2
B2
RDY
WP
PR
SDO
SDI
CLK
CS
Figure 1.
GENERAL DESCRIPTION
The AD5232 device provides a nonvolatile, dual-channel,
digitally controlled variable resistor (VR) with 256-position
resolution. This device performs the same electronic adjustment
function as a mechanical potentiometer with enhanced resolution,
solid state reliability, and superior low temperature coefficient
performance. The versatile programming of the AD5232, per-
ormed via a microcontroller, allows multiple modes of operation
and adjustment.
In the direct program mode, a predetermined setting of the RDAC
registers (RDAC1 and RDAC2) can be loaded directly from the
microcontroller. Another important mode of operation allows
the RDACx register to be refreshed with the setting previously
stored in the corresponding EEMEM register (EEMEM1 and
EEMEM2). When changes are made to the RDACx register to
establish a new wiper position, the value of the setting can be
saved into the EEMEMx register by executing an EEMEM save
operation. After the settings are saved in the EEMEMx register,
these values are automatically transferred to the RDACx register
to set the wiper position at system power-on. Such operation is
enabled by the internal preset strobe. The preset strobe can also
be accessed externally.
All internal register contents can be read via the serial data
output (SDO). This includes the RDAC1 and RDAC2 registers,
the corresponding nonvolatile EEMEM1 and EEMEM2 registers,
and the 14 spare USER EEMEM registers that are available for
constant storage.
The basic mode of adjustment is the increment and decrement
command instructions that control the wiper position setting
register (RDACx). An internal scratch pad RDACx register can
be moved up or down one step of the nominal resistance between
Terminal A and Terminal B. This step adjustment linearly changes
the wiper to Terminal B resistance (RWB) by one position segment
of the device’s end-to-end resistance (RAB). For exponential/
logarithmic changes in wiper setting, a left/right shift command
instruction adjusts the levels in ±6 dB steps, which can be useful
for audio and light alarm applications.
The AD5232 is available in a thin, 16-lead TSSOP package.
All parts are guaranteed to operate over the extended industrial
temperature range of −40°C to +85°C. An evaluation board, the
EVAL-AD5232-10EBZ, is available.


Similar Part No. - AD5232

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5232 AD-AD5232 Datasheet
664Kb / 16P
2-Channel, 256-Position Digital Potentiometer
REV.0
AD5232 AD-AD5232 Datasheet
268Kb / 20P
8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV.0
AD5232 AD-AD5232 Datasheet
749Kb / 16P
256-Position and 33-Position Digital Potentiometers
02/01-Data Sheet changed from REV. O to REV. A.
AD5232 AD-AD5232 Datasheet
221Kb / 14P
Nonvolatile Memory Digital Potentiometers
AD5232 AD-AD5232 Datasheet
867Kb / 24P
Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
More results

Similar Description - AD5232

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5259 AD-AD5259 Datasheet
245Kb / 14P
Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Revision 0
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5259 AD-AD5259_15 Datasheet
606Kb / 24P
Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
REV. C
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
5/2017-Rev. B to Rev. C
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
6/2017-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com