Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5232 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5232
Description  Nonvolatile Memory,Dual 256-Position Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5232 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5232 Datasheet HTML 5Page - Analog Devices AD5232 Datasheet HTML 6Page - Analog Devices AD5232 Datasheet HTML 7Page - Analog Devices AD5232 Datasheet HTML 8Page - Analog Devices AD5232 Datasheet HTML 9Page - Analog Devices AD5232 Datasheet HTML 10Page - Analog Devices AD5232 Datasheet HTML 11Page - Analog Devices AD5232 Datasheet HTML 12Page - Analog Devices AD5232 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD5232
Rev. C | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
–1.25
–1.50
–1.75
–2.00
0
64
128
192
256
DIGITAL CODE
VDD = 2.7V
VSS = 0V
INL TA = –40°C
INL TA = +85°C
INL TA = +25°C
Figure 5. INL vs. Code; TA = −40°C, +25°C, +85°C Overlay
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
–1.25
–1.50
–1.75
–2.00
0
64
128
192
256
DIGITAL CODE
VDD = 2.7V
VSS = 0V
DNL TA = –40°C
DNL TA = +85°C
DNL TA = +25°C
Figure 6. DNL vs. Code; TA = −40°C, +25°C, +85°C Overlay
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
0
32
64
96
128
160
192
224
256
CODE (Decimal)
VDD = 5.5V
VSS = 0V
TA = 25°C
Figure 7. R-DNL vs. Code; RAB = 10 kΩ, 50 kΩ, 100 kΩ Overlay
2000
1500
1000
500
0
0
32
64
96
128
160
192
224
256
CODE (Decimal)
VDD = 5V
TA = –40°C/+85°C
VA = NO CONNECT
RWB MEASURED
Figure 8. ΔRWB/ΔT vs. Code; RAB = 10 kΩ, VDD = 5 V
70
60
50
40
30
20
10
0
–10
0
32
64
96
128
160
192
224
256
CODE (Decimal)
VDD = 5V
TA = –40°C/+85°C
VA = 2V
VB = 0V
Figure 9. ΔVWB/ΔT vs. Code; RAB = 10 kΩ, VDD = 5 V
1
0.1
0.01
0.001
–50
–35
–20
–5
10
TEMPERATURE (°C)
25
40
55
70
85
VDD = +2.5V
VSS = –2.5V
VCM = 0V
Figure 10. ICM vs. Temperature (See Figure 30)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com