Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5232 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5232
Description  Nonvolatile Memory,Dual 256-Position Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5232 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5232 Datasheet HTML 14Page - Analog Devices AD5232 Datasheet HTML 15Page - Analog Devices AD5232 Datasheet HTML 16Page - Analog Devices AD5232 Datasheet HTML 17Page - Analog Devices AD5232 Datasheet HTML 18Page - Analog Devices AD5232 Datasheet HTML 19Page - Analog Devices AD5232 Datasheet HTML 20Page - Analog Devices AD5232 Datasheet HTML 21Page - Analog Devices AD5232 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD5232
Data Sheet
Rev. C | Page 18 of 24
USING ADDITIONAL INTERNAL, NONVOLATILE
EEMEM
The AD5232 contains additional internal user storage registers
(EEMEM) for saving constants and other 8-bit data. Table 9
provides an address map of the internal nonvolatile storage
registers, which are shown in the functional block diagram as
EEMEM1, EEMEM2, and bytes of USER EEMEM.
Note the following about EEMEM function:
•
RDAC data stored in EEMEM locations are transferred to
their corresponding RDACx register at power-on or when
Command Instruction 1 and Command Instruction 8 are
executed.
•
USERx refers to internal nonvolatile EEMEM registers that are
available to store and retrieve constants by using Command
Instruction 3 and Command Instruction 9, respectively.
•
The EEMEM locations are one byte each (eight bits).
•
Execution of Command Instruction 1 leaves the device in
the read mode power consumption state. When the final
Command Instruction 1 is executed, the user should perform
an NOP (Command Instruction 0) to return the device to
the low power idle state.
Table 9. EEMEM Address Map
EEMEM Address
(ADDR)
EEMEM Contents of Each Device
EEMEM (ADDR)
0000
RDAC1
0001
RDAC2
0010
USER 1
0011
USER 2
0100
USER 3
0101
USER 4
***
***
1111
USER 14
TERMINAL VOLTAGE OPERATING RANGE
The positive VDD and negative VSS power supply of the digital
potentiometer defines the boundary conditions for proper
3-terminal programmable resistance operations. Signals present
on Terminal A, Terminal B, and Wiper Terminal W that exceed
VDD or VSS are clamped by a forward biased diode (see Figure 39).
The ground pin of the AD5232 device is used primarily as
a digital ground reference that needs to be tied to the common
ground of the PCB. The digital input logic signals to the AD5232
must be referenced to the ground (GND) pin of the device and
satisfy the minimum input logic high level and the maximum
input logic low level that are defined in the Specifications section.
An internal level shift circuit between the digital interface and
the wiper switch control ensures that the common-mode voltage
range of the three terminals, Terminal A, Terminal B, and
Wiper Terminal W, extends from VSS to VDD.
VSS
VDD
A
W
B
Figure 39. Maximum Terminal Voltages Set by VDD and VSS
Table 10. RDAC and Digital Register Address Map
Register Address (ADDR)
Name of Register1
0000
RDAC1
0001
RDAC2
1 The RDACx registers contain data that determines the position of the
variable resistor wiper.
DETAILED POTENTIOMETER OPERATION
The actual structure of the RDACx is designed to emulate the
performance of a mechanical potentiometer. The RDACx contains
multiple strings of connected resistor segments, with an array of
analog switches that act as the wiper connection to several points
along the resistor array. The number of points is equal to the
resolution of the device. For example, the AD5232 has 256 con-
nection points, allowing it to provide better than 0.5% setability
resolution. Figure 40 provides an equivalent diagram of the con-
nections between the three terminals that make up one channel of
the RDACx. The SWA and SWB switches are always on, whereas
only one of the SW(0) to SW(2N–1) switches is on at a time,
depending on the resistance step decoded from the data bits. The
resistance contributed by RW must be accounted for in the output
resistance.
B
RS
RS
A
W
RS = RAB/2N
RS
RDAC
WIPER
REGISTER
AND
DECODER
NOTES
1. DIGITAL CIRCUITRY
OMITTED FOR CLARITY
SWA
SWB
SW(2N–1)
SW(2N–2)
SW(1)
SW(2)
Figure 40. Equivalent RDAC Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com