Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5232 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5232
Description  Nonvolatile Memory,Dual 256-Position Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5232 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5232 Datasheet HTML 7Page - Analog Devices AD5232 Datasheet HTML 8Page - Analog Devices AD5232 Datasheet HTML 9Page - Analog Devices AD5232 Datasheet HTML 10Page - Analog Devices AD5232 Datasheet HTML 11Page - Analog Devices AD5232 Datasheet HTML 12Page - Analog Devices AD5232 Datasheet HTML 13Page - Analog Devices AD5232 Datasheet HTML 14Page - Analog Devices AD5232 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD5232
Rev. C | Page 11 of 24
0
–6
–12
–18
–24
–30
–36
–42
–48
–54
–60
1k
10k
100k
1M
FREQUENCY (Hz)
RAB = 10kΩ
0x80
0x40
0x20
0x10
0x08
0x04
0x02
0x01
VDD = +2.7V
VSS = –2.7V
VA = 100mV rms
TA = 25°C
VA
Figure 17. Gain vs. Frequency vs. Code, RAB = 10 kΩ
0
–6
–12
–18
–24
–30
–36
–42
–48
–54
–60
1k
10k
100k
1M
FREQUENCY (Hz)
RAB = 50kΩ
VDD = +2.7V
VSS = –2.7V
VA = 100mV rms
TA = 25°C
VA
0x80
0x40
0x20
0x10
0x08
0x04
0x02
0x01
Figure 18. Gain vs. Frequency vs. Code, RAB = 50 kΩ
0
–6
–12
–18
–24
–30
–36
–42
–48
–54
–60
1k
10k
100k
1M
FREQUENCY (Hz)
RAB = 100kΩ
VDD = +2.7V
VSS = –2.7V
VA = 100mV rms
TA = 25°C
VA
0x80
0x40
0x20
0x10
0x08
0x04
0x02
0x01
Figure 19. Gain vs. Frequency vs. Code, RAB = 100 kΩ
80
60
40
20
0
1k
10k
100k
1M
FREQUENCY (Hz)
RAB = 100kΩ
RAB = 10kΩ
RAB = 50kΩ
VDD = 5.5V ± 100mV AC
VSS = 0V
VB = 5V
VA = 0V
MEASURE AT VW WITH CODE = 0x80
TA = 25°C
Figure 20. PSRR vs. Frequency
120
100
80
60
40
20
1
10
100
FREQUENCY (kHz)
RAB = 100kΩ
RAB = 10kΩ
RAB = 50kΩ
VDD = VA2 = +2.75V
VSS = VB2 = –2.75V
VIN = +5V P-P
TA = 25°C
Figure 21. Analog Crosstalk vs. Frequency (See Figure 31)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com