Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5232 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5232
Description  Nonvolatile Memory,Dual 256-Position Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5232 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5232 Datasheet HTML 6Page - Analog Devices AD5232 Datasheet HTML 7Page - Analog Devices AD5232 Datasheet HTML 8Page - Analog Devices AD5232 Datasheet HTML 9Page - Analog Devices AD5232 Datasheet HTML 10Page - Analog Devices AD5232 Datasheet HTML 11Page - Analog Devices AD5232 Datasheet HTML 12Page - Analog Devices AD5232 Datasheet HTML 13Page - Analog Devices AD5232 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5232
Data Sheet
Rev. C | Page 10 of 24
4
2
0
–50
–35
–20
–5
10
TEMPERATURE (°C)
25
40
55
70
85
VDD = 5.5V
VDD = 2.7V
Figure 11. IDD vs. Temperature
CH1 5.00V
CH2 5.00V
CH3 5.00V
CH4 10.00V
M 2.00ms
CS
CLK
SDI
IDD
2mA/DIV
1
4
3
2
T
Figure 12. IDD vs. Time (Save) Program Mode
CH1 5.00V
CH2 5.00V
CH3 5.00V
CH4 10.00V
M 2.00ms
CS
CLK
SDI
1
4
3
2
T
*SUPPLY CURRENT RETURNS TO MINIMUM POWER CONSUMPTION
IF COMMAND INSTRUCTION 0 (NOP) IS EXECUTED IMMEDIATELY
AFTER COMMAND INSTRUCTION 1 (READ EEMEM).
IDD*
2mA/DIV
Figure 13. IDD vs. Time Read Mode
12
6
0
–6
–12
–18
–24
–30
–36
–42
1k
10k
100k
1M
FREQUENCY (Hz)
VIN = 100mV rms
VDD = +2.5V
VSS = –2.5V
RL = 1MΩ
TA = +25°C
f–3dB = 500kHz, R = 10kΩ
f–3dB = 45kHz, R = 100kΩ
f–3dB = 95kHz, R = 50kΩ
Figure 14. −3 dB Bandwidth vs. Resistance
10
1
0.1
0.01
0.001
10
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 5V
TA = 25°C
FILTER = 22kHz
RAB = 10kΩ
RAB = 50kΩ, 100kΩ
Figure 15. Total Harmonic Distortion + Noise vs. Frequency
70
80
90
100
110
60
50
40
30
20
10
0
0
32
64
96
128
160
192
224
256
CODE (Decimal)
VDD = 2.7V
TA = 25°C
Figure 16. Wiper On Resistance vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com