Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5523ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5523ACPZ-R7
Description  400 MHz to 4000 MHz Low Noise Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5523ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5523ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADL5523
Rev. B | Page 3 of 24
SPECIFICATIONS
AC SPECIFICATIONS
TA = 25°C, R1 = 1.3 kΩ; parameters include matching circuit, matched for optimal noise, unless otherwise noted.
Table 1.
3 V
5 V
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
FREQUENCY = 900 MHz
Gain (S21)
21.0
21.5
dB
vs. Frequency
±50 MHz
±0.35
±0.37
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.60
±0.51
dB
Noise Figure1
0.8
0.8
dB
Output Third-Order Intercept (OIP3)
Δf = 1 MHz, POUT = 0 dBm per tone
28.0
34.0
dBm
Output 1 dB Compression Point (P1dB)
17.8
21.0
dBm
Input Return Loss (S11)
−7.5
−8.0
dB
Output Return Loss (S22)
−10.5
−11.0
dB
Isolation (S12)
−24.0
−25.5
dB
FREQUENCY = 1950 MHz
Gain (S21)
16.5
15.8
17.0
18.0
dB
vs. Frequency
±30 MHz
±0.06
±0.08
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.50
±0.47
dB
Noise Figure1
0.9
1.0
dB
Output Third-Order Intercept (OIP3)
Δf = MHz, POUT = 0 dBm per tone
28.0
34.0
dBm
Output 1 dB Compression Point (P1dB)
17.7
21.2
dBm
Input Return Loss (S11)
−9.0
−10.0
dB
Output Return Loss (S22)
−17.0
−20.0
dB
Isolation (S12)
−20.5
−21.5
dB
FREQUENCY = 2600 MHz
Gain (S21)
12.8
13.2
dB
vs. Frequency
±100 MHz
±0.35
±0.36
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.45
±0.44
dB
Noise Figure1
0.9
0.9
dB
Output Third-Order Intercept (OIP3)
Δf = 1 MHz, POUT = 0 dBm per tone
30.0
35.0
dBm
Output 1 dB Compression Point (P1dB)
17.0
21.2
dBm
Input Return Loss (S11)
−5.0
−5.0
dB
Output Return Loss (S22)
−10.0
−10.0
dB
Isolation (S12)
−21.5
−22.0
dB
FREQUENCY = 3500 MHz
Gain (S21)
10.6
11.0
dB
vs. Frequency
±100 MHz
±0.73
±0.78
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.78
±0.77
dB
Noise Figure1
1.0
1.0
dB
Output Third-Order Intercept (OIP3)
Δf = 1 MHz, POUT = 0 dBm per tone
30.0
33.5
dBm
Output 1 dB Compression Point (P1dB)
17.3
20.1
dBm
Input Return Loss (S11)
−11.0
−11.5
dB
Output Return Loss (S22)
−10.0
−10.5
dB
Isolation (S12)
−19.0
−19.5
dB
1
Noise figure de-embedded to first matching component on input side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com