Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5523ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5523ACPZ-R7
Description  400 MHz to 4000 MHz Low Noise Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5523ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5523ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADL5523
Data Sheet
Rev. B | Page 12 of 24
1950 MHz, VPOS = 3 V
Matched for optimal noise figure, external matching circuit included.
20
10
0
–10
–20
15
5
–5
–15
–25
–30
–35
1800
1850
1900
2050
2100
1950
2000
2150
2200
FREQUENCY (MHz)
S11
S21
S12
S22
Figure 33. Typical S-Parameters, Log Magnitude
18
16
14
10
6
2
0
32
30
28
24
20
16
12
8
4
26
22
18
14
1920
1930
1940
1950
1960
1970
1980
FREQUENCY (MHz)
GAIN
P1dB
OIP3
NOISE FIGURE
Figure 34. Noise Figure, Gain, OIP3, and P1dB vs. Frequency
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1800 1820 1840 1860 1880 1900 1920 1940 1960 1980 2000
FREQUENCY (MHz)
+25°C
+85°C
–40°C
Figure 35. Noise Figure vs. Temperature
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1800 1820 1840 1860 1880 1900 1920 1940 1960 1980 2000
FREQUENCY (MHz)
Figure 36. Noise Figure vs. Frequency at 25°C, Multiple Devices
18.5
18.0
17.5
17.0
16.5
16.0
15.5
15.0
14.5
30
28
26
24
22
20
18
16
14
1920
1930
1940
1950
1960
1970
1980
FREQUENCY (MHz)
+85°C
+85°C
+85°C
+25°C
+25°C
+25°C
–40°C
–40°C
–40°C
GAIN
P1dB
OIP3
Figure 37. Gain, OIP3, and P1dB vs. Temperature
30
29
25
27
28
26
24
23
22
20
21
19
18
–8
–2
–4
–6
2
0
4
6
8
10
12
14
16
18
POUT PER TONE (dBm)
+85°C
+25°C
–40°C
Figure 38. OIP3 vs. Output Power (POUT) and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com