Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5523ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5523ACPZ-R7
Description  400 MHz to 4000 MHz Low Noise Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5523ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5523ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5523ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
ADL5523
Rev. B | Page 17 of 24
EVALUATION BOARD
Figure 54 shows the schematic of the ADL5523 evaluation board.
The board is powered by a single supply, and dc bias can be
applied to the board through clip-on leads at VPOS and GND
or through a 2-pin connector, W1.
The evaluation board comes optimized at 1950 MHz from the
factory, but it can be easily modified to work at any frequency
between 400 MHz and 4 GHz. Table 7 lists the recommended
components at various frequencies.
1 VBIAS
2 RFIN
3 NC
4 NC
7
RFOUT
8
VPOS
6
NC
5
NC
ADL5523
Z1
RFIN
RFOUT
C2
0Ω
C1
L1
TR2
TR1
L2
C3
C4
DNP
C5
100nF
W1
VPOS
GND
R1
R2
Figure 54. Evaluation Board Schematic
Figure 55. Evaluation Board Layout (Top View)
Figure 56. Evaluation Board Layout (Bottom View)
SOLDERING INFORMATION AND RECOMMENDED
PCB LAND PATTERN
Figure 57 shows the recommended land pattern for ADL5523.
To minimize thermal impedance, the exposed pad on the
package underside is soldered down to a ground plane. If
multiple ground layers exist, they are stitched together using
vias (a minimum of five vias is recommended). Pin 3 to Pin 6
can be left unconnected or can be connected to ground. For
more information on land pattern design and layout, refer to
the AN-772 Application Note, A Design and Manufacturing
Guide for the Lead Frame Chip Scale Package (LFCSP).
1.53mm
2.03mm
4
5
8
0.71mm
1
Figure 57. Recommended Land Pattern
Table 7. Recommended Components and Positions of Matching Components for Basic Connections Tuned for Optimal Noise
Frequency
(MHz)
C11
(Size
0402)
C2
(Size
0402)
C3
(Size
0402)
C4
(Size
0402)
C5
(Size
0402)
L12
(Size
0403)
L22
Size
0403)
R13
(Size
0603)
R24
(Size
0603)
TR1
(mm)
TR2
(mm)
C1
Position
C3
Position
500
Open
0 Ω
Open
Open
100 nF
9 nH
12 nH
1.3 kΩ
0 Ω
0
0
C1
N/A
900
2.4 pF
0 Ω
Open
Open
100 nF
8.2 nH
3.4 nH
1.3 kΩ
0 Ω
0
0
C1
N/A
1300
2.7 pF
0 Ω
1.0 nF
Open
100 nF
3.4 nH
0 Ω
1.3 kΩ
0 Ω
0
8.0 × 0.6
C1
6
1950
1.6 pF
0 Ω
1.0 nF
Open
100 nF
1.0 nH
0 Ω
1.3 kΩ
0 Ω
2.5 × 0.6
5.5 × 0.6
C1
4
2140
1.6 pF
0 Ω
1.0 nF
Open
100 nF
1.0 nH
0 Ω
1.3 kΩ
0 Ω
5.0 × 0.6
3.0 × 0.6
C1
2
2600
0.75 pF
0 Ω
1.0 nF
Open
100 nF
1.0 nH
0 Ω
1.3 kΩ
0 Ω
8.0 × 0.6
0
C1
C3
3500
0.5 pF
0 Ω
1.0 nF
Open
100 nF
2.4 pF5
0 Ω
1.3 kΩ
0 Ω
7.0 × 0.6
1 × 0.6
C1
1
1
The Murata GJM High-Q series capacitor is recommended for C1.
2
The Coilcraft High Q 0403HQ or 0402HP inductors are recommended for L1 and L2.
3
If R2 = 8 Ω, reduce R1 to 600 Ω.
4
If R2 = 8 Ω, use a high power resistor (0.2 W rating minimum).
5
Note that at 3500 MHz, a capacitor, not an inductor, is used at L1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com